Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLV33F Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLV33F
Description  VHF linear power transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV33F Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLV33F Datasheet HTML 9Page - NXP Semiconductors BLV33F Datasheet HTML 10Page - NXP Semiconductors BLV33F Datasheet HTML 11Page - NXP Semiconductors BLV33F Datasheet HTML 12Page - NXP Semiconductors BLV33F Datasheet HTML 13Page - NXP Semiconductors BLV33F Datasheet HTML 14Page - NXP Semiconductors BLV33F Datasheet HTML 15Page - NXP Semiconductors BLV33F Datasheet HTML 16Page - NXP Semiconductors BLV33F Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1996 Oct 10
13
Philips Semiconductors
Product specification
VHF linear power transistor
BLV33F
List of components used in test circuit (see Figs 16 and 17).
Notes
1. American Technical Ceramics type 100B or capacitor of same quality.
2. The striplines are on a double Cu-clad printed-circuit board, with epoxy fibre-glass dielectric (
εr = 4.5); thickness 1⁄16".
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C18
multilayer ceramic chip
capacitor; note 1
620 pF, 100 V
C2
multilayer ceramic chip
capacitor; note 1
27 pF, 500 V
C3
film dielectric trimmer
2 to 18 pF
2222 809 09003
C4
multilayer ceramic chip
capacitor; note 1
30 pF, 500 V
C5, C14
film dielectric trimmer
4 to 40 pF
2222 809 08002
C6, C10
multilayer ceramic chip
capacitor
470 nF, 50 V
2222 856 48474
C7, C15
multilayer ceramic chip
capacitor
680 pF, 50 V
2222 852 13681
C8, C9
multilayer ceramic chip
capacitor; note 1
68 pF, 500 V
placed 6.4 mm from
transistor edge
C11, C12
multilayer ceramic chip
capacitor; note 1
43 pF, 500 V
placed 10 mm from
transistor edge
C13
multilayer ceramic chip
capacitor; note 1
39 pF, 500 V
C16
multilayer ceramic chip
capacitor; note 1
3.3 pF, 500 V
C17
film dielectric trimmer
1.4 to 5.5 pF
2222 809 09001
L1
2 turns of 1.6 mm enamelled
Cu wire
int. diameter 4.5 mm
length 4 mm
leads 2
× 4mm
L2
3 turns of 1 mm closely
wound enamelled Cu wire
int. diameter 5 mm
leads 2
× 7mm
L3
stripline; note 2
30
Ω
6mm
× 47.8 mm
L4
2 turns of 1 mm closely
wound enamelled Cu wire
int. diameter 5 mm
leads 2
× 8mm
L5
stripline; note 2
30
Ω
6mm
× 42.9 mm
L6
2 turns of 1.6 mm enamelled
Cu wire
int. diameter 4 mm
length 4 mm
leads 2
× 3mm
R1
carbon resistor
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com