Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP6A17DN8TC Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXMP6A17DN8TC
Description  DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP6A17DN8TC Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXMP6A17DN8TC Datasheet HTML 1Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 2Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 3Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 4Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 5Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 6Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXMP6A17DN8
PROVISIONAL ISSUE A - SEPTEMBER 2002
6
0.1
1
10
0
100
200
300
400
500
600
700
800
900
1000
C
RSS
C
OSS
C
ISS
V
GS
=0V
f= 1MHz
-V
DS -Drain -Source Voltage (V)
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
I
D
= -2.2A
V
DS
= -30V
Gate-Source Voltage v Gate Charge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com