Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8196ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8196ACPZ-R7
Description  2:1 HDMI/DVI Switch with Equalization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8196ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8196ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Preliminary Data Sheet
AD8196
PrA | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
AVCC to AVEE
3.7 V
DVCC to DVEE
3.7 V
DVEE to AVEE
±0.3 V
VTTI
AVCC + 0.6 V
VTTO
AVCC + 0.6 V
AMUXVCC
5.5 V
Internal Power Dissipation
4.62 W
High Speed Input Voltage
AVCC − 1.4 V < VIN < AVCC + 0.6 V
High Speed Differential
Input Voltage
2.0 V
Low Speed Input Voltage
DVEE − 0.3 V < VIN < AMUXVCC + 0.6 V
I2C Logic Input Voltage
DVEE − 0.3 V < VIN < DVCC + 0.6 V
Storage Temperature
Range
−65°C to +125°C
Operating Temperature
Range
−40°C to +85°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θ
JA
is specified for the worst-case conditions: a device soldered
in a 4-layer JEDEC circuit board for surface-mount packages.
θ
JC
is specified for the exposed pad soldered to the circuit board
with no airflow.
Table 3. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
56-Lead LFCSP
27
2.1
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8196 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition
temperature of the plastic, approximately 150°C. Temporarily
exceeding this limit may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 175°C for an extended
period can result in device failure. To ensure proper operation,
it is necessary to observe the maximum power derating as
determined by the coefficients in Table 3.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24