Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8196ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8196ACPZ-R7
Description  2:1 HDMI/DVI Switch with Equalization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8196ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8196ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8196ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8196
Preliminary Technical Data
PrA | Page 22 of 24
Power Supplies
The AD8196 has five separate power supplies referenced to
two separate grounds. The supply/ground pairs are:
AVCC/AVEE
VTTI/AVEE
VTTO/AVEE
DVCC/DVEE
AMUXVCC/DVEE
The AVCC/AVEE (3.3 V) and DVCC/DVEE (3.3 V) supplies
power the core of the AD8196. The VTTI/AVEE supply (3.3 V)
powers the input termination (see Figure 25). Similarly, the
VTTO/AVEE supply (3.3 V) powers the output termination
(see Figure 26). The AMUXVCC/DVEE supply (3.3 V to 5 V)
powers the auxiliary multiplexer core and determines the
maximum allowed voltage on the auxiliary lines. For example,
if the DDC bus is using 5 V I2C, then AMUXVCC should be
connected to +5 V relative to DVEE.
In a typical application, all pins labeled AVEE or DVEE should
be connected directly to ground. All pins labeled AVCC,
DVCC, VTTI, or VTTO should be connected to 3.3 V, and
Pin AMUXVCC tied to 5 V. The supplies can also be powered
individually, but care must be taken to ensure that each stage of
the AD8196 is powered correctly.
Power Supply Bypassing
The AD8196 requires minimal supply bypassing. When
powering the supplies individually, place a 0.01 μF capacitor
between each 3.3 V supply pin (AVCC, DVCC, VTTI, and
VTTO) and ground to filter out supply noise. Generally, bypass
capacitors should be placed near the power pins and should
connect directly to the relevant supplies (without long inter-
vening traces). For example, to improve the parasitic inductance
of the power supply decoupling capacitors, minimize the trace
length between capacitor landing pads and the vias as shown in
Figure 34.
EXTRA ADDED INDUCTANCE
RECOMMENDED
NOT RECOMMENDED
Figure 34. Recommended Pad Outline for Bypass Capacitors
In applications where the AD8196 is powered by a single 3.3 V
supply, it is recommended to use two reference supply planes
and bypass the 3.3 V reference plane to the ground reference
plane with one 220 pF, one 1000 pF, two 0.01 μF, and one 4.7 μF
capacitors. The capacitors should via down directly to the
supply planes and be placed within a few centimeters of the
AD8196. The AMUXVCC supply does not require additional
bypassing. This scheme is illustrated in Figure 35.
Figure 35. Example Placement of Power Supply Decoupling Capacitors
Around the AD8196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com