Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD40DPMR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLD40DPMR
Description  White led power supply for large display backlight
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40DPMR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLD40DPMR Datasheet HTML 4Page - STMicroelectronics STLD40DPMR Datasheet HTML 5Page - STMicroelectronics STLD40DPMR Datasheet HTML 6Page - STMicroelectronics STLD40DPMR Datasheet HTML 7Page - STMicroelectronics STLD40DPMR Datasheet HTML 8Page - STMicroelectronics STLD40DPMR Datasheet HTML 9Page - STMicroelectronics STLD40DPMR Datasheet HTML 10Page - STMicroelectronics STLD40DPMR Datasheet HTML 11Page - STMicroelectronics STLD40DPMR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Functional description
STLD40D
8/14
5
Functional description
5.1
Boost controller
The STLD40D is a Boost converter operating in PFM (pulsed frequency modulation) mode.
The converter monitors the LED current through the resistor RLED and when the feedback voltage falls
below the reference voltage REF2, the boost switch TSW turns ON and the current ramps up. The
inductor current is measured by sensing the temperature compensated drain voltage of the boost
MOSFET. The boost turns off when its drain voltage reaches the internally reference REF1, the main
switch remains off until the minimum off time (250ns typical) has passed and the feedback voltage is
below the reference again. A maximum ON time of 4µs typical prevents the switch TSW to stay ON during
a too long period of time.
5.2
Adjustable peak inductor current limit
The peak inductor current is monitored by sensing the drain voltage of the switch TSW. Since it exceeds
the temperature compensated and supply voltage compensated reference REF1, the RS Flip flop is reset
and TSW is turned OFF. By connecting a resistance to the pin RSET the peak current limit can be adjusted.
from 200mA to 1A. When RSET resistor value is about 12kΩ is connected directly to GND, the default
value is 1A.
5.3
Enable
The ENABLE pin is a high logic input signal and allows turning on/off the controller without cutting the
input voltage from the boost regulator circuit. The pin ENABLE can be used to dim the LED by applying a
low frequency PWM signal.
5.4
OVP
If the regulation loop is cut, there is no signal at the feedback pin, the PFM controller will then continue to
switch without control and generate an output voltage at the SW, and VO pin exceeding the breakdown
value VBSW, and VBO.
The Over Voltage Protection (OVP) senses the voltage at the VO pin. When the voltage exceed 38V Min
the controller is automatically turned OFF.
A hysteresis control allows the device restarting automatically since the output voltage drops down of
1.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com