Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD40DPMR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLD40DPMR
Description  White led power supply for large display backlight
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40DPMR Datasheet(HTML) 1 Page - STMicroelectronics

  STLD40DPMR Datasheet HTML 1Page - STMicroelectronics STLD40DPMR Datasheet HTML 2Page - STMicroelectronics STLD40DPMR Datasheet HTML 3Page - STMicroelectronics STLD40DPMR Datasheet HTML 4Page - STMicroelectronics STLD40DPMR Datasheet HTML 5Page - STMicroelectronics STLD40DPMR Datasheet HTML 6Page - STMicroelectronics STLD40DPMR Datasheet HTML 7Page - STMicroelectronics STLD40DPMR Datasheet HTML 8Page - STMicroelectronics STLD40DPMR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
April 2006
Rev. 2
1/14
14
STLD40D
White led power supply for large display backlight
General Features
s
Inductor switches boost controller
s
PFM mode control
s
High efficiency over wide range of input voltage
from 3.0V to 5.5V
s
Overvoltage protection with automatic restart
s
Adjustable peak current limit
s
Enable pin with possibility of PWM dimming
control
s
Low shutdown current <1uA
s
Small external component
s
Good load and line regulation
s
QFN 3mm x 3mm x 1mm 8 leads
Application
s
White Led supply for LCD backlight
s
Mobile phone
s
PDA and organizers
s
Any handsets powered form 3.0V to 5.5V
Description
STLD40D is a boost converter that operates from
3.0V to 5.5V and can provide an output voltage as
high as 37V and can drive up to 10 white LEDs in
series. The converter is a PFM (pulse frequency
modulation) inductor switches and can work in
discontinuous (DCM) mode operation. A minimum
OFF time of the embedded boost switch TSW is
fixed internally and allows limiting the switching
frequency. The output current capability is 20mA
with an output voltage of 37V.
The regulation is done by sensing the led current
through the resistor RLED.
The device can be turned ON/OFF through the
logic enable signal pin EN. By applying a low
frequency PWM signal the LEDs can be dimmed.
The maximum peak inductor current can be
programmed by connected a resistor RSET to the
pin RSET.
www.st.com
QFN8 (3mm x 3mm)
Order code
Part number
Package
Comments
STLD40DPMR
QFN8L (3mm x 3mm)
4500 parts per reel


Similar Part No. - STLD40DPMR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD40DPUR STMICROELECTRONICS-STLD40DPUR Datasheet
345Kb / 16P
White LED power supply for large display backlight
May 2011 Rev 7
More results

Similar Description - STLD40DPMR

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
ME4839W MICRO-ELECTRONICS-ME4839W Datasheet
67Kb / 2P
WHITE SIDE BACKLIGHT FOR LCD DISPLAY
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
White LED Driver for Backlight
logo
Rohm
BD9267KUT ROHM-BD9267KUT Datasheet
967Kb / 31P
White LED Diver for Backlight of Medium/Large-sized LCDs
logo
STMicroelectronics
STLA02PUR STMICROELECTRONICS-STLA02PUR Datasheet
732Kb / 23P
White LED driver for display backlight
February 2011 Rev 1
AN2333 STMICROELECTRONICS-AN2333 Datasheet
364Kb / 9P
White LED power supply for large display backlight
01-Jun-2011
STLD41 STMICROELECTRONICS-STLD41 Datasheet
788Kb / 19P
White LED driver for mid-size LCD display backlight
27-Jun-2012
logo
Rohm
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
White Backlight LED Driver For Medium to Large LCD Panels
BD9271KUT ROHM-BD9271KUT Datasheet
1Mb / 38P
White LED Diver for Backlight of Medium/Large-sized LCDs
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D_V01 Datasheet
345Kb / 16P
White LED power supply for large display backlight
May 2011 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com