Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE60P09AS Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE60P09AS
Description  NCE P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE60P09AS Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE60P09AS Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P09AS Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P09AS Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P09AS Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P09AS Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P09AS Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE60P09AS Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wuxi NCE Power Co., Ltd
Page
V1.0
1
NCE60P09AS
http://www.ncepower.com
NCE P-Channel Enhancement Mode Power MOSFET
Description
The NCE60P09AS uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
General Features
●
VDS =-60V,ID =-9A
RDS(ON) <35mΩ @ VGS=-10V
RDS(ON) <50mΩ @ VGS=-4.5V
●
High density cell design for ultra low Rdson
●
Fully characterized avalanche voltage and current
●
Good stability and uniformity with high EAS
●
Excellent package for good heat dissipation
Application
●
Power switching application
●
Hard switched and high frequency circuits
●
Uninterruptible power supply
100% UIS TESTED!
Schematic diagram
Marking and pin assignment
SOP-8 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE60P09AS
NCE60P09AS
SOP-8
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-9
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
-6.4
A
Pulsed Drain Current
IDM
36
A
Maximum Power Dissipation
PD
3.0
W
Single pulse avalanche energy
(Note 5)
EAS
156
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
41.7
/W
℃


Similar Part No. - NCE60P09AS

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE60P09K NCEPOWER-NCE60P09K Datasheet
659Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V3.0
NCE60P09S NCEPOWER-NCE60P09S Datasheet
290Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V1.0
More results

Similar Description - NCE60P09AS

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com