Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC21 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RC21
Description  General purpose chip resistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC21 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RC21 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2002 Apr 09 Rev.9
2
Phycomp
Product specification
General purpose chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
5%
FEATURES
œ Low assembly costs
œ High component and equipment
reliability
œ Excellent performance at high
frequency, especially the RC31
œ Complete standard SMD family.
APPLICATIONS
œ All general purpose applications.
DESCRIPTION
The resistors are constructed on a
high grade ceramic body (aluminium
oxide). Internal metal electrodes are
added at each end and connected by
a resistive paste which is applied to
the top surface of the substrate. The
composition of the paste is adjusted
to give the approximate resistance
required and the value is trimmed to
within tolerance, by laser cutting of
this resistive layer.
The resistive layer is covered with a
protective coat and printed with the
resistance value. Finally, the two
external end terminations are added.
For ease of soldering the outer
layer of these end terminations is a
lead/tin alloy.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
RC01
RC11
RC21
RC31
Size code
1206 (3216)
0805 (2012)
0603 (1608)
0402 (1005)
Resistance range
1
W to 10 MW
Resistance tolerance and E-series
–5%; jumper; E24 series
Temperature coefficient:
1
Wˆ R < 10 Wˆ250 –250 ™ 10-6/K
10
W <R ˆ 10 MWˆ–200 ™ 10-6/K
Maximum dissipation at Tamb =70
•C
0.25 W
0.125 W
0.1 W
0.063 W
Maximum permissible voltage
200 V
(DC or RMS)
150 V
(DC or RMS)
50 V
(DC or RMS)
50 V
(DC or RMS)
Climatic category (IEC 60 068)
55/155/56
55/125/56
Basic specification
IEC 60115-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com