Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC21 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RC21
Description  General purpose chip resistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC21 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RC21 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 2Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 3Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2002 Apr 09 Rev.9
3
Phycomp
Product specification
General purpose chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
5%
ORDERING INFORMATION
Table 1
Ordering code indicating resistor type and packing
Notes
1.
The jumper has a maximum resistance Rmax =50m
W and a rated current IR =2A.
2.
The jumper has a maximum resistance Rmax =50m
W and a rated current IR =1A.
TYPE
TOL.
(%)
ORDERING CODE 2322 ... .....
PAPER TAPE ON REEL(1)
BULK CASE
5000
units
10000
units
20000
units
50 000
units
10000
units
25000
units
RC01
–5
711 61...
711 51...
711 81...
--
-
RC11
–5
730 61...
730 71...
730 81...
-
731 81...
-
RC21
–5
702 60...
702 70...
702 81...
--
702 80...
RC31
–5
-
705 70...
-
705 87...
--
Jumper 0
W
RC01(1)
-
711 91032
711 91005
711 92004
--
-
RC11(1)
-
730 91002
730 91003
730 92002
-
731 91006
-
RC21(2)
-
702 96001
702 97001
702 92002
--
702 91002
RC31(2)
--
705 91001
-
705 91007
--
Ordering code (12NC)
œ The resistors have a 12-digit
ordering code starting with 2322
œ The subsequent 5 digits indicate
the resistor type and packing;
seeTable1.
œ The remaining 3 digits indicate the
resistance value:
– The first 2 digits indicate the
resistance value.
– The last digit indicates the
resistance decade in
accordance with Table 2.
Table 2
Last digit of 12NC
RESISTANCE
DECADE
LAST DIGIT
1to 9.1
W
8
10 to 91.0
W
9
100 to 910
W
1
1to 9.1 k
W
2
10 to 91.0 k
W
3
100 to 910 k
W
4
1to 9.1 M
W
5
10 M
W
6
ORDERING EXAMPLE
The ordering code of a RC11 resistor,
value 4700
W with –5% tolerance,
supplied on paper tape of 5 000 units
per reel is: 2322 730 61472.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com