Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLV910 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLV910
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV910 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLV910 Datasheet HTML 1Page - NXP Semiconductors BLV910 Datasheet HTML 2Page - NXP Semiconductors BLV910 Datasheet HTML 3Page - NXP Semiconductors BLV910 Datasheet HTML 4Page - NXP Semiconductors BLV910 Datasheet HTML 5Page - NXP Semiconductors BLV910 Datasheet HTML 6Page - NXP Semiconductors BLV910 Datasheet HTML 7Page - NXP Semiconductors BLV910 Datasheet HTML 8Page - NXP Semiconductors BLV910 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1995 Apr 11
4
Philips Semiconductors
Product specification
UHF power transistor
BLV910
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown
voltage
open emitter; IC = 5 mA
70
−−
V
V(BR)CEO
collector-emitter breakdown
voltage
open base; IC =15mA
30
−−
V
V(BR)EBO
emitter-base breakdown
voltage
open collector; IE = 0.3 mA
3
−−
V
ICES
collector leakage current
VBE = 0; VCE =28V
−−
0.75
mA
hFE
DC current gain
VCE = 10 V; IC = 0.5 A;
30
−
120
Cc
collector capacitance
VCB = 26 V; IE =ie = 0; f = 1 MHz
−
10
−
pF
Cre
feedback capacitance
VCE = 26 V; IC = 0; f = 1 MHz
−
6
−
pF
Fig.4
DC current gain as a function of collector
current; typical values.
(1) VCE = 26 V: measured under pulsed conditions;
tp ≤ 500 µs; δ< 0.01.
(2) VCE =10V.
handbook, halfpage
0
40
60
20
80
100
0
0.5
1.0
1.5
2.0
2.5
hFE
I C (A)
MLC660
(1)
(2)
Fig.5
Collector capacitance as a function of
collector-base voltage; typical values.
IE =ie = 0; f = 1 MHz.
handbook, halfpage
0
10
40
30
20
010
20
30
40
50
(pF)
Cc
VCB (V)
MLC661



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com