| Electronic Components Datasheet Search |
|
SC18IS601IPW Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC18IS601IPW Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 28 page ![]() SC18IS600_601_3 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 03 — 13 December 2006 7 of 28 NXP Semiconductors SC18IS600/601 SPI to I2C-bus interface 6.2.1.2 Open-drain output configuration The open-drain output configuration turns off all pull-ups and only drives the pull-down transistor of the pin when the pin latch contains a logic 0. To be used as a logic output, a pin configured in this manner must have an external pull-up, typically a resistor tied to VDD. The pull-down for this mode is the same as for the quasi-bidirectional mode. The open-drain pin configuration is shown in Figure 6. An open-drain pin has a Schmitt-triggered input that also has a glitch suppression circuit. 6.2.1.3 Input-only configuration The input-only pin configuration is shown in Figure 7. It is a Schmitt-triggered input that also has a glitch suppression circuit. 6.2.1.4 Push-pull output configuration The push-pull output configuration has the same pull-down structure as both the open-drain and the quasi-bidirectional output modes, but provides a continuous strong pull-up when the pin latch contains a logic 1. The push-pull mode may be used when more source current is needed from a pin output. The push-pull pin configuration is shown in Figure 8. A push-pull pin has a Schmitt-triggered input that also has a glitch suppression circuit. Fig 6. Open-drain output configuration 002aab883 VSS pin latch data GPIO pin glitch rejection input data Fig 7. Input-only configuration 002aab884 GPIO pin glitch rejection input data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |