Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC18IS601IPW Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SC18IS601IPW
Description  SPI to IC-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IS601IPW Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SC18IS601IPW Datasheet HTML 14Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 15Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 16Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 17Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 18Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 19Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 20Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 21Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
SC18IS600_601_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
18 of 28
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
9.
Dynamic characteristics
[1]
Parameters are valid over operating temperature range unless otherwise specified. Parts are tested to 2 MHz, but are guaranteed to
operate down to 0 Hz.
[2]
SCL and SDA do not have glitch suppression circuits.
Table 12.
Dynamic characteristics
VDD = 2.4 V to 3.6 V; Tamb = −40 °Cto+85 °C (industrial); unless otherwise specified.[1]
Symbol
Parameter
Conditions
Variable clock
fosc =12MHz Unit
Min
Max
Min
Max
fosc(RC)
internal RC oscillator
frequency (SC18IS600)
nominal f = 7.3728 MHz; trimmed to
±1 % at T
amb =25 °C
7.189
7.557
7.189
7.557
MHz
External clock input (SC18IS601); see Figure 22
fosc
oscillator frequency
VDD = 2.4 V to 3.6 V
0
12
-
-
MHz
TCLCL
clock cycle time
83
-
-
-
ns
tCHCX
clock HIGH time
22
TCLCL − tCLCX
22
-
ns
tCLCX
clock LOW time
22
TCLCL − tCHCX
22
-
ns
tCLCH
clock rise time
-
8
-
8
ns
tCHCL
clock fall time
-
8
-
8
ns
Glitch filter
tgr[2]
glitch rejection time
RESET pin
-
50
-
50
ns
any pin except RESET
-
15
-
15
ns
tsa
signal acceptance time
RESET pin
125
-
125
-
ns
any pin except RESET
50
-
50
-
ns
SPI slave interface
fSPI
SPI operating frequency 2.0 MHz
0
fosc
⁄6
0
2.0
MHz
TSPICYC
SPI cycle time
2.0 MHz
6
⁄fosc
-
500
-
ns
tSPILEAD
SPI enable lead time
2.0 MHz
4
-
4
-
µs
tSPILAG
SPI enable lag time
4
-
4
-
µs
tSPICLKH
SPICLK HIGH time
3
⁄fosc
-
190
-
ns
tSPICLKL
SPICLK LOW time
3
⁄fosc
-
190
-
ns
tSPIDSU
SPI data setup time
100
-
100
-
ns
tSPIDH
SPI data hold time
100
-
100
-
ns
tSPIA
SPI access time
0
120
0
120
ns
tSPIDIS
SPI disable time
2.0 MHz
0
240
-
240
ns
tSPIDV
SPI enable to output
data valid time
2.0 MHz
0
240
-
240
ns
3.0 MHz
0
167
-
167
ns
tSPIOH
SPI output data hold
time
0-
0
-
ns
tSPIR
SPI rise time
SPI outputs (SPICLK, MOSI, MISO)
-
100
-
100
ns
SPI inputs (SPICLK, MOSI, MISO,
SS)
-
2000
-
2000
ns
tSPIF
SPI fall time
SPI outputs (SPICLK, MOSI, MISO)
-
100
-
100
ns
SPI inputs (SPICLK, MOSI, MISO,
SS)
-
2000
-
2000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com