Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4052BF Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD4052BF
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4052BF Datasheet(HTML) 2 Page - Texas Instruments

  CD4052BF Datasheet HTML 1Page - Texas Instruments CD4052BF Datasheet HTML 2Page - Texas Instruments CD4052BF Datasheet HTML 3Page - Texas Instruments CD4052BF Datasheet HTML 4Page - Texas Instruments CD4052BF Datasheet HTML 5Page - Texas Instruments CD4052BF Datasheet HTML 6Page - Texas Instruments CD4052BF Datasheet HTML 7Page - Texas Instruments CD4052BF Datasheet HTML 8Page - Texas Instruments CD4052BF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics – TSSOP Package ............ 6
6.6 AC Performance Characteristics – TSSOP
Package...................................................................... 10
6.7 Electrical Characteristics – CDIP, PDIP, SOIC
and SOP Packages..................................................... 11
6.8 AC Performance Characteristics – CDIP, PDIP,
SOIC and SOP Packages........................................... 15
6.9 Typical Characteristics.............................................. 16
7 Parameter Measurement Information.......................... 16
8 Detailed Description......................................................20
8.1 Overview................................................................... 20
8.2 Functional Block Diagrams....................................... 21
8.3 Feature Description...................................................22
8.4 Device Functional Modes..........................................23
9 Application and Implementation.................................. 24
9.1 Application Information............................................. 24
9.2 Typical Application.................................................... 24
9.3 Power Supply Recommendations.............................25
9.4 Layout....................................................................... 25
10 Device and Documentation Support..........................27
10.1 Documentation Support.......................................... 27
10.2 Receiving Notification of Documentation Updates..27
10.3 Support Resources................................................. 27
10.4 Trademarks.............................................................27
10.5 Electrostatic Discharge Caution..............................27
10.6 Glossary..................................................................27
11 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (February 2023) to Revision K (March 2023)
Page
• Added PW package information throughout the data sheet............................................................................... 1
Changes from Revision I (September 2017) to Revision J (February 2023)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Updated the Quiescent Device Current, IDD Max typical and maximum values................................................5
• Updated the OFF Channel Leakage Current: Any Channel OFF (Max) or ALL Channels OFF (Common
OUT/IN) (Max) typical values..............................................................................................................................5
• Updated the ON Channel Leakage Current: Any Channel ON (Max) or ALL Channels ON (Common OUT/IN)
(Max) maximum values.......................................................................................................................................5
• Updated the Input Low Voltage, VIL, Max values............................................................................................... 5
• Updated the Input Current, IIN (Max) typical values...........................................................................................5
• Updated the Inhibit-to-Signal OUT (Channel Turning OFF) typical values......................................................... 5
• Updated the values in the ESD Ratings section................................................................................................. 5
• Updated the Typical Characteristics section.....................................................................................................16
Changes from Revision H (April 2015) to Revision I (September 2017)
Page
• Added the On Channel Leakage Current – Any Channel On figure................................................................. 16
Changes from Revision G (October 2003) to Revision H (April 2015)
Page
• Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ............................................................................................................................................................... 1
• Added Device Information table......................................................................................................................... 1
CD4051B, CD4052B, CD4053B
SCHS047K – AUGUST 1998 – REVISED MARCH 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com