Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4052BF Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CD4052BF
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4052BF Datasheet(HTML) 21 Page - Texas Instruments

Back Button CD4052BF Datasheet HTML 17Page - Texas Instruments CD4052BF Datasheet HTML 18Page - Texas Instruments CD4052BF Datasheet HTML 19Page - Texas Instruments CD4052BF Datasheet HTML 20Page - Texas Instruments CD4052BF Datasheet HTML 21Page - Texas Instruments CD4052BF Datasheet HTML 22Page - Texas Instruments CD4052BF Datasheet HTML 23Page - Texas Instruments CD4052BF Datasheet HTML 24Page - Texas Instruments CD4052BF Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
8.2 Functional Block Diagrams
11
10
9
6
A
B
C
INH
13
4
2
5
1
12
15
14
TG
TG
TG
TG
TG
TG
TG
TG
3
COMMON
OUT/IN
0
1
2
3
4
5
6
7
BINARY
TO
1 OF 8
DECODER
WITH
INHIBIT
LOGIC
LEVEL
CONVERSION
8
7
V
V
SS
EE
16 V
CHANNEL IN/OUT
DD
All inputs are protected by standard CMOS protection network.
Figure 8-1. Functional Block Diagram, CD4051B
12
11
15
14
0
1
2
3
3
2
1
0
X CHANNELS IN/OUT
Y CHANNELS IN/OUT
BINARY
TO
1 OF 4
DECODER
WITH
INHIBIT
13
3
COMMON Y
OUT/IN
COMMON X
OUT/IN
7
8
16
6
9
10
A
B
INH
V
V
V
SS
EE
DD
TG
TG
TG
TG
TG
TG
TG
TG
4
2
5
1
LOGIC
LEVEL
CONVERSION
All inputs are protected by standard CMOS protection network.
Figure 8-2. Functional Block Diagram, CD4052B
www.ti.com
CD4051B, CD4052B, CD4053B
SCHS047K – AUGUST 1998 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com