Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4053BEE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD4053BEE4
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4053BEE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4053BEE4 Datasheet HTML 2Page - Texas Instruments CD4053BEE4 Datasheet HTML 3Page - Texas Instruments CD4053BEE4 Datasheet HTML 4Page - Texas Instruments CD4053BEE4 Datasheet HTML 5Page - Texas Instruments CD4053BEE4 Datasheet HTML 6Page - Texas Instruments CD4053BEE4 Datasheet HTML 7Page - Texas Instruments CD4053BEE4 Datasheet HTML 8Page - Texas Instruments CD4053BEE4 Datasheet HTML 9Page - Texas Instruments CD4053BEE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6.5 Electrical Characteristics – TSSOP Package
Over operating free-air temperature range, VSUPPLY = ±5 V, and RL = 100 Ω, (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN TYP MAX
UNIT
VIS (V)
VEE (V)
VSS (V)
VDD (V)
TEMP
Signal Inputs (VIS) and Outputs (VOS) – TSSOP Package
Quiescent Device Current, IDD (Max)
0 V
0 V
5 V
–55°C
60
µA
–40°C
60
25°C
17
60
85°C
150
125°C
150
0 V
0 V
10 V
–55°C
60
–40°C
60
25°C
18
60
85°C
300
125°C
300
0 V
0 V
15 V
–55°C
60
–40°C
60
25°C
18
60
85°C
600
125°C
600
0 V
0 V
20 V
–55°C
100
–40°C
100
25°C
18
100
85°C
3000
125°C
3000
Drain to Source ON Resistance rON (Max)
0 ≤ VIS ≤ VDD
0 V
0 V
5 V
–55°C
800
Ω
–40°C
850
25°C
470 1050
85°C
1200
125°C
1300
0 V
0 V
10 V
–55°C
310
–40°C
300
25°C
180
400
85°C
520
125°C
550
0 V
0
15 V
–55°C
200
–40°C
210
25°C
125
240
85°C
300
125°C
300
Change in ON Resistance
(Between Any Two Channels),
ΔRON
0 V
0 V
5 V
25°C
15
Ω
0 V
0 V
10 V
10
0 V
0 V
15 V
5
CD4051B, CD4052B, CD4053B
SCHS047K – AUGUST 1998 – REVISED MARCH 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com