Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4053BEE4 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CD4053BEE4
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4053BEE4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CD4053BEE4 Datasheet HTML 15Page - Texas Instruments CD4053BEE4 Datasheet HTML 16Page - Texas Instruments CD4053BEE4 Datasheet HTML 17Page - Texas Instruments CD4053BEE4 Datasheet HTML 18Page - Texas Instruments CD4053BEE4 Datasheet HTML 19Page - Texas Instruments CD4053BEE4 Datasheet HTML 20Page - Texas Instruments CD4053BEE4 Datasheet HTML 21Page - Texas Instruments CD4053BEE4 Datasheet HTML 22Page - Texas Instruments CD4053BEE4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
VDD
Ι
V
V
CD4051
DD
SS
CD4053
VSS
NOTE: Measure inputs sequentially,
to both V
and V
connect all
DD
SS
unused inputs to either V
or V
.
DD
SS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDD
Ι
V
V
CD4052
DD
SS
VSS
NOTE: Measure inputs sequentially,
to both V
and V
connect all
DD
SS
unused inputs to either V
or V
.
DD
SS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Figure 7-12. Input Current
RF
VM
VDD
OFF
CHANNEL
6
7
8
1K
5VP-P
Figure 7-13. Feed-Through (All Types)
OFF
CHANNEL
R
COMMON
L
ON
CHANNEL
RL
RF
VM
ON
CHANNEL
R
5V
L
P-P
OFF
CHANNEL
RL
RF
VM
Figure 7-14. Crosstalk Between Any Two Channels
(All Types)
5V
RF
P-P
VM
ON OR OFF
CHANNEL IN Y
R
R
L
L
ON OR OFF
CHANNEL IN X
Figure 7-15. Crosstalk Between Duals or Triplets (CD4052B, CD4053B)
LINK
DIFF.
AMPLIFIER/
LINE DRIVER
DIFF.
RECEIVER
DEMULTIPLEXING
DIFF.
MULTIPLEXING
DIFFERENTIAL
SIGNALS
CD4052
CD4052
Special Considerations: In applications where separate power sources are used to drive VDD and the signal inputs, the VDD current
capability should exceed VDD/RL (RL = effective external load). This provision avoids permanent current flow or clamp action on the VDD
supply when power is applied or removed from the CD4051B, CD4052B or CD4053B.
Figure 7-16. Typical Time-Division Application of the CD4052B
www.ti.com
CD4051B, CD4052B, CD4053B
SCHS047K – AUGUST 1998 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com