Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLW32 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLW32
Description  UHF linear power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW32 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLW32 Datasheet HTML 1Page - NXP Semiconductors BLW32 Datasheet HTML 2Page - NXP Semiconductors BLW32 Datasheet HTML 3Page - NXP Semiconductors BLW32 Datasheet HTML 4Page - NXP Semiconductors BLW32 Datasheet HTML 5Page - NXP Semiconductors BLW32 Datasheet HTML 6Page - NXP Semiconductors BLW32 Datasheet HTML 7Page - NXP Semiconductors BLW32 Datasheet HTML 8Page - NXP Semiconductors BLW32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
August 1986
2
Philips Semiconductors
Product specification
UHF linear power transistor
BLW32
DESCRIPTION
N-P-N silicon planar epitaxial
transistor primarily intended for use in
linear u.h.f. amplifiers for television
transmitters and transposers. The
excellent d.c. dissipation
properties for class-A operation are
obtained by means of diffused emitter
ballasting resistors and a multi-base
structure, providing an optimum
temperature profile on the crystal
area. The combination of optimum
thermal design and the application of
gold sandwich metallization
realizes excellent reliability
properties.
The transistor has a 1
⁄4" capstan
envelope with ceramic cap.
QUICK REFERENCE DATA
R.F. performance
Note
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak sync level.
MODE OF OPERATION
fvision
MHz
VCE
V
IC
mA
Th
°C
dim (1)
dB
Po sync (1)
W
Gp
dB
class-A; linear amplifier
860
25
150
70
−60
>
0,5
>
11
860
25
150
25
−60
typ.
0,63 typ.
12,2
PIN CONFIGURATION
Fig.1 Simplified outline. SOT122A.
handbook, halfpage
Top view
MBK187
3
1
2
4
PINNING - SOT122A.
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com