Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLW32 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLW32
Description  UHF linear power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW32 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLW32 Datasheet HTML 1Page - NXP Semiconductors BLW32 Datasheet HTML 2Page - NXP Semiconductors BLW32 Datasheet HTML 3Page - NXP Semiconductors BLW32 Datasheet HTML 4Page - NXP Semiconductors BLW32 Datasheet HTML 5Page - NXP Semiconductors BLW32 Datasheet HTML 6Page - NXP Semiconductors BLW32 Datasheet HTML 7Page - NXP Semiconductors BLW32 Datasheet HTML 8Page - NXP Semiconductors BLW32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
August 1986
3
Philips Semiconductors
Product specification
UHF linear power transistor
BLW32
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Collector-emitter voltage
(peak value); VBE =0
VCESM
max.
50 V
open base
VCEO
max.
30 V
Emitter-base voltage (open collector)
VEBO
max.
4 V
Collector current
d.c. or average
IC
max.
650 mA
(peak value); f
> 1 MHz
ICM
max.
1000 mA
Total power dissipation up to Tmb =25 °CPtot
max.
10,8 W
Storage temperature
Tstg
−65 to +150 °C
Operating junction temperature
Tj
max.
200
°C
Fig.2 D.C. SOAR.
(1) Second breakdown limit (independent of temperature).
handbook, halfpage
MGP429
1
10−1
1
10
102
VCE (V)
IC
(A)
Tmb = 25 °C
Th = 70 °C
(1)
Fig.3 Power derating curve vs. temperature.
handbook, halfpage
0
15
10
5
0
100
MGP430
50
Th (°C)
Ptot
(W)
THERMAL RESISTANCE (see Fig.4)
From junction to mounting base
(dissipation = 3,75 W; Tmb = 72,3 °C; i.e. Th =70 °C)
Rth j-mb
=
15,0 K/W
From mounting base to heatsink
Rth mb-h
=
0,6 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com