Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58632 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA58632
Description  2 x 2.2 W BTL audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58632 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA58632 Datasheet HTML 1Page - NXP Semiconductors SA58632 Datasheet HTML 2Page - NXP Semiconductors SA58632 Datasheet HTML 3Page - NXP Semiconductors SA58632 Datasheet HTML 4Page - NXP Semiconductors SA58632 Datasheet HTML 5Page - NXP Semiconductors SA58632 Datasheet HTML 6Page - NXP Semiconductors SA58632 Datasheet HTML 7Page - NXP Semiconductors SA58632 Datasheet HTML 8Page - NXP Semiconductors SA58632 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SA58632_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 June 2006
5 of 26
Philips Semiconductors
SA58632
2
× 2.2 W BTL audio amplifier
8.
Functional description
The SA58632 is a two-channel BTL audio amplifier capable of delivering 2
× 1.5 W output
power to an 8
Ω load at THD+N = 10 % using a 6 V power supply. It is also capable of
delivering 2
× 2.2 W output power to an 8 Ω load at THD+N = 10 % using a 9 V power
supply. Using the MODE pin, the device can be switched to standby and mute condition.
The device is protected by an internal thermal shutdown protection mechanism. The gain
can be set within a range of 6 dB to 30 dB by external feedback resistors.
8.1 Power amplifier
The power amplifier is a Bridge-Tied Load (BTL) amplifier with a complementary
PNP-NPN output stage. The voltage loss on the positive supply line is the saturation
voltage of a PNP power transistor, on the negative side the saturation voltage of an NPN
power transistor. The total voltage loss is < 1 V. With a supply voltage of 6 V and an 8
loudspeaker, an output power of 1.5 W can be delivered to the load, and with a 9 V supply
voltage and an 8
Ω loudspeaker an output power of 2.2 W can be delivered.
8.2 Mode select pin (MODE)
The device is in Standby mode (with a very low current consumption) if the voltage at the
MODE pin is greater than VCC − 0.5 V, or if this pin is floating. At a MODE voltage in the
range between 1.5 V and VCC − 1.5 V the amplifier is in a mute condition. The mute
condition is useful to suppress plop noise at the output, caused by charging of the input
capacitor. The device is in Active mode if the MODE pin is grounded or less than 0.5 V
(see Figure 6).
8.3 BTL/SE output configuration
To invoke the BTL configuration (see Figure 3), the BTL/SE pin is taken to logic HIGH or
not connected. The output differentially drives the speakers, so there is no need for
coupling capacitors. The headphone can be connected to the amplifier negative outputs
using a coupling capacitor for each channel. The headphone common ground is
connected to the amplifier ground.
To invoke the Single-Ended (SE) configuration (see Figure 15), the BTL/SE pin is taken to
logic LOW or connected to ground. The positive outputs are muted with a DC level of
0.5VCC. Using a coupling capacitor for each channel, speakers can be connected to the
amplifier negative outputs. The speaker common ground is connected to the amplifier
ground. Headphones can be connected to the negative outputs without using output
coupling capacitors. The headphone common ground pin is connected to one of the
amplifier positive output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com