Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58632 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SA58632
Description  2 x 2.2 W BTL audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58632 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SA58632 Datasheet HTML 17Page - NXP Semiconductors SA58632 Datasheet HTML 18Page - NXP Semiconductors SA58632 Datasheet HTML 19Page - NXP Semiconductors SA58632 Datasheet HTML 20Page - NXP Semiconductors SA58632 Datasheet HTML 21Page - NXP Semiconductors SA58632 Datasheet HTML 22Page - NXP Semiconductors SA58632 Datasheet HTML 23Page - NXP Semiconductors SA58632 Datasheet HTML 24Page - NXP Semiconductors SA58632 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
SA58632_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 June 2006
21 of 26
Philips Semiconductors
SA58632
2
× 2.2 W BTL audio amplifier
15. Package outline
Fig 24. Package outline SOT910-1 (HVQFN20)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT910-1
SOT910-1
05-10-11
MO-220
- - -
- - -
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included
UNIT
A
max
mm
1
0.05
0.00
0.4
0.3
5.1
4.9
3.15
2.85
6.1
5.9
4.15
3.85
0.65
0.40
A1
DIMENSIONS (mm are the original dimensions)
HVQFN20: plastic thermal enhanced very thin quad flat package; no leads;
20 terminals; body 6 x 5 x 0.85 mm
terminal 1
index area
b
c
0.2
D
Dh
E
Eh
e
0.8
e1
e2
L
v
0.1
w
0.05
y
0.05
2.4
4
y1
0.1
0
2.5
5 mm
scale
C
y
C
y1
X
b
e2
e1
e
e
1/2 e
A
C
B
v M
C
w M
6
1
11
16
20
17
710
Eh
Dh
1/2 e
B
A
D
E
L
detail X
A
c
A1
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com