Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3457G Datasheet(PDF) 5 Page - Micronas

Part # MSP3457G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3457G Datasheet(HTML) 5 Page - Micronas

  MSP3457G Datasheet HTML 1Page - Micronas MSP3457G Datasheet HTML 2Page - Micronas MSP3457G Datasheet HTML 3Page - Micronas MSP3457G Datasheet HTML 4Page - Micronas MSP3457G Datasheet HTML 5Page - Micronas MSP3457G Datasheet HTML 6Page - Micronas MSP3457G Datasheet HTML 7Page - Micronas MSP3457G Datasheet HTML 8Page - Micronas MSP3457G Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
5
Multistandard Sound Processor Family
Release Note: Revision bars indicate significant
changes to the previous edition. The hardware and
software description in this document is valid for
the MSP 34x7G version B8 and following versions.
1. Introduction
The MSP 34x7G family of single-chip Multistandard
Sound Processors covers the sound processing of all
analog TV standards worldwide, as well as the NICAM
digital sound standards. The full TV sound processing,
starting with analog sound IF signal-in, down to pro-
cessed analog AF-out, is performed in a single chip.
Figure 1–1 shows a simplified functional block diagram
of the MSP 34x7G.
These TV sound processing ICs include versions for
processing the multichannel television sound (MTS)
signal conforming to the standard recommended by
the Broadcast Television Systems Committee (BTSC).
The DBX noise reduction, or alternatively, Micronas
Noise Reduction (MNR) is performed alignment free.
Other processed standards are the Japanese FM-FM
multiplex standard (EIA-J) and the FM-Stereo-Radio
standard.
Current ICs have to perform adjustment procedures in
order to achieve good stereo separation for BTSC and
EIA-J. The MSP 34x7G has optimum stereo perfor-
mance without any adjustments.
All MSP 34xxG versions are pin compatible to the
MSP 34xxD. Only minor modifications are necessary
to adapt a MSP 34xxD controlling software to the
MSP 34xxG. The MSP 34x7G further simplifies con-
trolling software. Standard selection requires a single
I2C transmission only.
Note: The MSP 34x7G version has reduced control
registers and less functional pins. The remaining regis-
ters are software-compatible to the MSP 34x0G. The
pinning is compatible to the MSP 34x0G.
The MSP 34x7G has built-in automatic functions: The
IC is able to detect the actual sound standard automat-
ically (Automatic Standard Detection). Furthermore,
pilot levels and identification signals can be evaluated
internally with subsequent switching between mono/
stereo/bilingual; no I2C interaction is necessary (Auto-
matic Sound Selection).
The MSP 34x7G can handle very high FM deviations
even in conjunction with NICAM processing. This is
especially important for the introduction of NICAM in
China.
The ICs are produced in submicron CMOS technology.
The MSP 34x7G is available in the following packages:
PSDIP52 and PMQFP44.
Fig. 1–1: Simplified functional block diagram of MSP 34x7G
Loud-
SCART1
SCART1
MONO
De-
modulator
speaker
Sound
Processing
DAC
ADC
Loud-
DAC
ADC
Sound IF1
speaker
Pre-
processing
Prescale
SCART
DSP
Input
Select
SCART
Output
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com