Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLW97 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLW97
Description  HF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW97 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLW97 Datasheet HTML 1Page - NXP Semiconductors BLW97 Datasheet HTML 2Page - NXP Semiconductors BLW97 Datasheet HTML 3Page - NXP Semiconductors BLW97 Datasheet HTML 4Page - NXP Semiconductors BLW97 Datasheet HTML 5Page - NXP Semiconductors BLW97 Datasheet HTML 6Page - NXP Semiconductors BLW97 Datasheet HTML 7Page - NXP Semiconductors BLW97 Datasheet HTML 8Page - NXP Semiconductors BLW97 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
August 1986
5
Philips Semiconductors
Product specification
HF power transistor
BLW97
Fig.4 Tj =25 °C.
handbook, halfpage
010
30
50
20
30
40
20
MGP705
hFE
IC (A)
typ
VCE = 28 V
15 V
5 V
Fig.5 Tj =25 °C; f = 100 MHz; tp = 300 µs.
handbook, halfpage
020
260
220
140
100
180
10
MGP706
fT
(MHz)
−IE (A)
typ
VCB = 28 V
15 V
5 V
Fig.6 IE =ie = 0; f = 1 MHz; Tj = 25 °C.
handbook, halfpage
020
40
1000
800
400
200
600
MGP707
Cc
(pF)
VCB (V)
typ
Fig.7 VCE = 28 V.
handbook, halfpage
1300
500
900
10
1
10−1
10−2
MGP708
VBE (mV)
IC
(A)
typ
Th = 70 °C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com