Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLW97 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLW97
Description  HF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW97 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLW97 Datasheet HTML 3Page - NXP Semiconductors BLW97 Datasheet HTML 4Page - NXP Semiconductors BLW97 Datasheet HTML 5Page - NXP Semiconductors BLW97 Datasheet HTML 6Page - NXP Semiconductors BLW97 Datasheet HTML 7Page - NXP Semiconductors BLW97 Datasheet HTML 8Page - NXP Semiconductors BLW97 Datasheet HTML 9Page - NXP Semiconductors BLW97 Datasheet HTML 10Page - NXP Semiconductors BLW97 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
August 1986
10
Philips Semiconductors
Product specification
HF power transistor
BLW97
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT121B
97-06-28
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 4 leads
SOT121B
12
43
U3
D1
U2
H
H
L
b
Q
D
U1
q
A
F
c
p
w1 M
M
w2
B
C
C
A
AB
α
0.51
UNIT
A
mm
D
b
5.82
5.56
0.16
0.10
12.86
12.59
12.83
12.57
28.45
25.52
3.30
3.05
6.48
6.22
7.27
6.17
c
D1
U3
U2
12.32
12.06
1.02
w1
w2
45
°
α
L
7.93
6.32
U1
24.90
24.63
Q
4.45
3.91
q
18.42
F
2.67
2.41
0.02
inches
0.229
0.219
0.006
0.004
0.506
0.496
0.505
0.495
1.120
1.005
0.130
0.120
0.255
0.245
0.286
0.243
0.485
0.475
0.04
0.312
0.249
0.98
0.97
0.175
0.154
0.725
0.105
0.095
p
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com