Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4193BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADF4193BCPZ
Description  Low Phase Noise, Fast Settling PLL Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4193BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF4193BCPZ Datasheet HTML 15Page - Analog Devices ADF4193BCPZ Datasheet HTML 16Page - Analog Devices ADF4193BCPZ Datasheet HTML 17Page - Analog Devices ADF4193BCPZ Datasheet HTML 18Page - Analog Devices ADF4193BCPZ Datasheet HTML 19Page - Analog Devices ADF4193BCPZ Datasheet HTML 20Page - Analog Devices ADF4193BCPZ Datasheet HTML 21Page - Analog Devices ADF4193BCPZ Datasheet HTML 22Page - Analog Devices ADF4193BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADF4193
Rev. B | Page 19 of 28
CHARGE PUMP REGISTER (R4)
DB23
0
DB22
0
DB21
0
DB20
0
DB19
0
DB18
0
DB17
0
DB16
0
DB15
0
DB14
1
DB13
C9
DB12
C8
DB11
C7
DB10
C6
DB9
C5
DB8
C4
DB7
C3
DB6
C2
DB5
C1
DB4
F2
DB3
F1
DB2
C3 (1)
DB1
C2 (0)
DB0
C1 (0)
9-BIT TIMEOUT COUNTER
RESERVED
CONTROL
BITS
TIMER
SELECT
0
0
1
1
F2
0
1
0
1
F1
SW1/SW2
SW3
ICP
NOT USED
TIMER SELECT
C9
0
0
0
0
.
.
.
1
1
1
1
C8
0
0
0
0
.
.
.
1
1
1
1
C7
0
0
0
0
.
.
.
1
1
1
1
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
C3
0
0
0
0
.
.
.
1
1
1
1
C2
0
0
1
1
.
.
.
0
0
1
1
C1
0
1
0
1
.
.
.
0
1
0
1
TIMEOUT COUNTER
0
1
2
3
.
.
.
508
509
510
511
xPFD CYCLES
0
4
8
12
.
.
.
2032
2036
2040
2044
DELAY µs1
0
0.15
0.30
0.46
.
.
.
78.15
78.30
78.46
78.61
1DELAY WITH 26MHz PFD
Figure 33. Charge Pump Register (R4)
Reserved Bits
Bit DB23 to Bit DB14 are reserved and should be set to hex
code 001 for normal operation.
9-Bit Timeout Counter
These bits are used to program the fast lock timeout counters.
The counters are clocked at one-quarter the PFD reference
frequency, therefore, their time delay scales with the PFD
frequency according to
Delay(s) = (Timeout Counter Value × 4)/(PFD Frequency)
For example, if 35 were loaded with timer select (00) with a
13 MHz PFD, then SW1/SW2 would be switched after
(35 × 4)/13 MHz = 10.8 μs
Timer Select
These two address bits select the timeout counter to be
programmed. Note that to set up the ADF4193 correctly
requires setup of these three timeout counters; therefore, three
writes to this register are required in the initialization sequence.
Table 6 shows example values for a GSM Tx synthesizer with a
60 kHz final loop BW. See the Applications section for more
information.
Table 6. Recommended Values for a GSM Tx LO
Timer Select
Timeout Counter
Value
Time (μs) with
PFD = 13 MHz
10
ICP
28
8.6
01
SW1/2
35
10.8
00
SW3
35
10.8
On each write to R0, the timeout counters start. Switch SW3
closes until the SW3 counter times out. Similarly, switches
SW1/SW2 close until the SW1/SW2 counter times out. When
the ICP counter times out, the charge pump current is ramped
down from 64× to 1× in six binary steps. It is recommended
that the SW1, SW2, and SW3 timeout counter values are set
equal to the ICP timeout counter value plus 7, as in the example
of Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com