Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG842 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG842
Description  0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG842 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG842 Datasheet HTML 8Page - Analog Devices ADG842 Datasheet HTML 9Page - Analog Devices ADG842 Datasheet HTML 10Page - Analog Devices ADG842 Datasheet HTML 11Page - Analog Devices ADG842 Datasheet HTML 12Page - Analog Devices ADG842 Datasheet HTML 13Page - Analog Devices ADG842 Datasheet HTML 14Page - Analog Devices ADG842 Datasheet HTML 15Page - Analog Devices ADG842 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADG841/ADG842
Rev. 0 | Page 13 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-203-AB
0.22
0.08
0.30
0.10
0.30
0.15
1.00
0.90
0.70
SEATING
PLANE
4
5
6
3
2
1
PIN 1
0.65 BSC
1.30 BSC
0.10 MAX
0.10 COPLANARITY
0.40
0.10
1.10
0.80
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
Figure 25. 6-Lead Thin Shrink Small Outline Transistor [SC70]
(KS-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding1
ADG841YKSZ-500RL72
–40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor (SC70)
KS-6
SVA
ADG841YKSZ-REEL2
–40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor (SC70)
KS-6
SVA
ADG841YKSZ-REEL72
–40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor (SC70)
KS-6
SVA
ADG842YKSZ-500RL72
–40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor (SC70)
KS-6
SWA
ADG842YKSZ-REEL2
–40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor (SC70)
KS-6
SWA
ADG842YKSZ-REEL2
–40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor (SC70)
KS-6
SWA
1 Branding on this package is limited to three characters due to space constraints.
2 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com