Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG842 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG842
Description  0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG842 Datasheet(HTML) 2 Page - Analog Devices

  ADG842 Datasheet HTML 1Page - Analog Devices ADG842 Datasheet HTML 2Page - Analog Devices ADG842 Datasheet HTML 3Page - Analog Devices ADG842 Datasheet HTML 4Page - Analog Devices ADG842 Datasheet HTML 5Page - Analog Devices ADG842 Datasheet HTML 6Page - Analog Devices ADG842 Datasheet HTML 7Page - Analog Devices ADG842 Datasheet HTML 8Page - Analog Devices ADG842 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADG841/ADG842
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Specifications—2.7 V to 3.6 V......................................................... 3
Specifications—2.5 V ± 0.2 V.......................................................... 4
Specifications—1.65 V to 1.95 ........................................................ 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ..............................................8
Terminology .....................................................................................11
Test Circuits......................................................................................12
Outline Dimensions ........................................................................13
Ordering Guide ...........................................................................13
REVISION HISTORY
4/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com