Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5305 Datasheet(PDF) 12 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 8Page - ON Semiconductor CS5305 Datasheet HTML 9Page - ON Semiconductor CS5305 Datasheet HTML 10Page - ON Semiconductor CS5305 Datasheet HTML 11Page - ON Semiconductor CS5305 Datasheet HTML 12Page - ON Semiconductor CS5305 Datasheet HTML 13Page - ON Semiconductor CS5305 Datasheet HTML 14Page - ON Semiconductor CS5305 Datasheet HTML 15Page - ON Semiconductor CS5305 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
CS5305
http://onsemi.com
12
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Oscillator Frequency
0
33
Temperature (°C)
34
35
36
37
38
39
40
25
50
75
100
125
ENABL = Low
ENABL = Floating
Gates Switching
0
8.0
Temperature (°C)
8.2
8.4
8.6
8.8
9.0
9.2
9.4
25
50
75
100
125
Start Threshold
Stop Threshold
0
400
Temperature (°C)
405
410
25
50
75
100
125
0
1.348
Temperature (°C)
1.349
1.350
1.351
1.352
1.353
1.354
25
50
75
100
125
100
ROSC Value (kΩ)
300
400
500
600
700
800
900
200
10
20
30
40
50
60
70
10
0
ROSC Value
5
10
15
20
25
20
30
40
50
60
70
80
Figure 5. VFB Bias Current vs. ROSC Value
Figure 6. ICC vs. Temperature
Figure 7. UVLO Start and Stop Thresholds vs.
Temperature
Figure 8. Oscillator Frequency vs. Temperature for
ROSC = 32.4 kW
Figure 9. DAC Output for VID = 01111 (1.475 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com