Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5305 Datasheet(PDF) 24 Page - ON Semiconductor

Part # CS5305
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button CS5305 Datasheet HTML 20Page - ON Semiconductor CS5305 Datasheet HTML 21Page - ON Semiconductor CS5305 Datasheet HTML 22Page - ON Semiconductor CS5305 Datasheet HTML 23Page - ON Semiconductor CS5305 Datasheet HTML 24Page - ON Semiconductor CS5305 Datasheet HTML 25Page - ON Semiconductor CS5305 Datasheet HTML 26Page - ON Semiconductor CS5305 Datasheet HTML 27Page - ON Semiconductor CS5305 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
CS5305
http://onsemi.com
24
Figure 40.
+
−
RFB
VDRP
V(DAC)
VOUT
OUTPUT
STAGE
RDRP
I(VFB)
VFB
As was previously noted, the total value of resistance
between the ROSC pin and ground sets the VFB lead bias
current according to:
I(VFB) + 0.333 V (ROSC ) ROCSET)
Referring to Figure 40, the VDRP lead voltage is equal to
the DAC voltage plus the current sense information. Under
no load conditions, the VDRP and VFB pin voltages are equal,
and the entire VFB bias current flows between
VOUT(SENSE)+ and VFB through RFB. Because the VFB bias
current sinks into VFB, the output voltage is forced to be
higher than the DAC voltage, and so the value of RFB can be
calculated as:
RFB + (VOUT no load set point * VDAC) I(VFB)
With RFB chosen, we can now select the value of RDRP.
If we again refer to Figure 40, we can use Kirchoff’s
Current Law at the VFB node to find that the value of RDRP
is defined as:
RDRP +
(full load current)(3.7)(ESRL)(RFB)
(RFB)(I(VFB)) ) V(DAC) * VOUT full load set point
RVSENSE is used to ensure that a connection between
VOUT and VOUT(SENSE) always exists. This ensures that the
module will operate correctly in the event that the
VOUT(SENSE) connection is broken. The module−to−load
interface and the number of modules placed in parallel
determine the value of RVSENSE. The CS5305 is specified to
operate correctly with up to 55 mV dropped across the
module connector. It is assumed that the maximum current
allowed to flow in this connection to the load is 1 mA.
RVSENSE + 55 mV (1 mA N)
where:
N = the number of modules to be paralleled.
If four modules are to be paralleled, each contributes a
maximum of 250 μA to this connection, and so RVSENSE =
55 mV/250 μA = 220 Ω. This component is placed to ensure
the VRM module will regulate correctly if the module
VOUT(SENSE)+ connection to the load is opened.
The transient droop performance should be checked next.
Performance should be verified using the transient test tool
typically provided in a microprocessor development kit.
True transient performance can be masked even at test
frequencies as low as 2 kHz. It should be possible to modify
the test tool so a function generator can drive it. Using lower
frequency (approximately 100 Hz) and lower duty cycle
(10%) allow the designer to better observe the true settling
behavior of the VRM module.
It may be necessary to add some filtering components to
the droop voltage divider. These components cause the AC
and DC gain from the current sense circuitry to match and
allow the user to tailor the droop output voltage
performance.
There are two methods for tuning droop performance. The
first is illustrated in Figure 41. In this case, capacitors CDRP
and CFB are placed in parallel with RDRP and RFB. A third
capacitor CDRCMP is connected between the COMP and
VDRP leads. The first two capacitors correct any gain errors
introduced in the selection of current sense components
Rcsx and Ccsx. Values for these components are defined as:
CFB + L ((RFB)(ESRL))
and
CDRP + ((CCSx)(RCSx)) RDRP
The capacitor between VDRP and COMP allows the user
to fine−tune the transition between “fast” AVP and the
slower positioning set by resistors RDRP and RFB. This
capacitor may or may not be required and is empirically
chosen based on the fine−tuning procedure described below.
A value of 1 nF is recommended as an initial value.
Figure 41.
RDRP
RFB
RVSENSE
VOUT
VOUT(SENSE)+
VFB
VDRP
CDRP
CFB
CDRCMP
COMP
Set up the circuit to be tested with a DVM and
oscilloscope to the output. Have the scope set to DC input
and set its offset so a resolution of at least 100 mV/div is used
and the output is visible on the screen.
Using a DVM, measure the output voltage with no load.
If this value differs from the expected value, adjust RFB until
the nominal value is reached. Once this is set, mark this DC
level on the scope with a cursor.
Next, measure the output voltage with full DC load. If this
value deviates from the expected value, adjust RDRP until
the nominal value is reached. Once this is set, mark this DC
level on the scope with another cursor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com