Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC97 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MAC97
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC97 Datasheet(HTML) 5 Page - ON Semiconductor

  MAC97 Datasheet HTML 1Page - ON Semiconductor MAC97 Datasheet HTML 2Page - ON Semiconductor MAC97 Datasheet HTML 3Page - ON Semiconductor MAC97 Datasheet HTML 4Page - ON Semiconductor MAC97 Datasheet HTML 5Page - ON Semiconductor MAC97 Datasheet HTML 6Page - ON Semiconductor MAC97 Datasheet HTML 7Page - ON Semiconductor MAC97 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAC97 Series
http://onsemi.com
5
Figure 5. Transient Thermal Response
Figure 6. Maximum Allowable Surge Current
0.1
1.0
10
100
1.0
t, TIME (ms)
0.1
0.01
1
S103
1
S104
3.0
30
50
1.0
2.0
100
3.0
2.0
1.0
NUMBER OF CYCLES
5.0
10
ZQJC(t) = RQJC(t) @ r(t)
10
5.0
Surge is preceded and followed by rated current.
TJ = 110°C
f = 60 Hz
CYCLE
Figure 7. Typical Gate Trigger Current versus
Junction Temperature
Figure 8. Typical Gate Trigger Voltage versus
Junction Temperature
Figure 9. Typical Latching Current versus
Junction Temperature
Figure 10. Typical Holding Current versus
Junction Temperature
100
10
1
0
TJ, JUNCTION TEMPERATURE (°C)
1.2
0.4
TJ, JUNCTION TEMPERATURE (°C)
0.3
TJ, JUNCTION TEMPERATURE (°C)
1
TJ, JUNCTION TEMPERATURE (°C)
0.1
35
50
80
−40 −25
5
20
95
110
20
35
80
−40 −25
−10
5
95
110
10
−10
65
Q4
Q3
Q2
Q1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
50
65
Q4
Q3
Q2
Q1
100
10
1
0
35
50
80
−40
−25
5
20
95
110
−10
65
Q4
Q3
Q2
Q1
35
50
80
−40
−25
5
20
95
110
−10
65
MT2 Negative
MT2 Positive



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com