Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC97 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC97
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC97 Datasheet(HTML) 1 Page - ON Semiconductor

  MAC97 Datasheet HTML 1Page - ON Semiconductor MAC97 Datasheet HTML 2Page - ON Semiconductor MAC97 Datasheet HTML 3Page - ON Semiconductor MAC97 Datasheet HTML 4Page - ON Semiconductor MAC97 Datasheet HTML 5Page - ON Semiconductor MAC97 Datasheet HTML 6Page - ON Semiconductor MAC97 Datasheet HTML 7Page - ON Semiconductor MAC97 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 9
1
Publication Order Number:
MAC97/D
MAC97 Series
Preferred Device
Sensitive Gate Triacs
Silicon Bidirectional Thyristors
Designed for use in solid state relays, MPU interface, TTL logic and
any other light industrial or consumer application. Supplied in an
inexpensive TO−92 package which is readily adaptable for use in
automatic insertion equipment.
Features
• One−Piece, Injection−Molded Package
• Blocking Voltage to 600 Volts
• Sensitive Gate Triggering in Four Trigger Modes (Quadrants) for all
possible Combinations of Trigger Sources, and especially for Circuits
that Source Gate Drives
• All Diffused and Glassivated Junctions for Maximum Uniformity of
Parameters and Reliability
• Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage
(TJ = −40 to +110°C) (Note 1)
Sine Wave 50 to 60 Hz, Gate Open
MAC97A4
MAC97A6
MAC97A8
VDRM,
VRRM
200
400
600
V
On-State RMS Current
Full Cycle Sine Wave 50 to 60 Hz
(TC = +50°C)
IT(RMS)
0.6
A
Peak Non−Repetitive Surge Current
One Full Cycle, Sine Wave 60 Hz
(TC = 110°C)
ITSM
8.0
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
0.26
A2s
Peak Gate Voltage
(t
v 2.0 ms, TC = +80°C)
VGM
5.0
V
Peak Gate Power
(t
v 2.0 ms, TC = +80°C)
PGM
5.0
W
Average Gate Power
(TC = 80°C, t v 8.3 ms)
PG(AV)
0.1
W
Peak Gate Current
(t
v 2.0 ms, TC = +80°C)
IGM
1.0
A
Operating Junction Temperature Range
TJ
−40 to +110
°C
Storage Temperature Range
Tstg
−40 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TRIACS
0.8 AMPERE RMS
200 thru 600 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
MT1
G
MT2
TO−92 (TO−226AA)
CASE 029
STYLE 12
3
2
1
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 2
Main Terminal 1
http://onsemi.com
MAC
97Ax
AYWW
G
G
MAC97Ax = Device Code
x = 4, 6, or 8
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING
DIAGRAMS


Similar Part No. - MAC97

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
MAC97 SUNTAC-MAC97 Datasheet
1Mb / 6P
Sentive Gate Triacs Silicon Bidirectional Thyristors
logo
SEMTECH ELECTRONICS LTD...
MAC97 SEMTECH_ELEC-MAC97 Datasheet
178Kb / 2P
Silicon Bidirectional Triode Thyristors
logo
ON Semiconductor
MAC97 ONSEMI-MAC97 Datasheet
133Kb / 8P
Sensitive Gate Triacs
August, 2013 ??Rev. 10
MAC97 ONSEMI-MAC97 Datasheet
133Kb / 8P
Sensitive Gate Triacs
August, 2013 ??Rev. 10
logo
Digitron Semiconductors
MAC97 DIGITRON-MAC97 Datasheet
289Kb / 5P
SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - MAC97

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com