Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT2CL Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # CYT2CL
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT2CL Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button CYT2CL Datasheet HTML 35Page - Infineon Technologies AG CYT2CL Datasheet HTML 36Page - Infineon Technologies AG CYT2CL Datasheet HTML 37Page - Infineon Technologies AG CYT2CL Datasheet HTML 38Page - Infineon Technologies AG CYT2CL Datasheet HTML 39Page - Infineon Technologies AG CYT2CL Datasheet HTML 40Page - Infineon Technologies AG CYT2CL Datasheet HTML 41Page - Infineon Technologies AG CYT2CL Datasheet HTML 42Page - Infineon Technologies AG CYT2CL Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 174 page
background image
12
Power pin assignments
Table 12-1
Power pin assignments
Name
Package
Remarks
176-LQFP
144-LQFP
VDDD
105, 104, 88, 66, 45, 20
85, 84, 72, 54, 37, 20
Main digital supply
VSS
133, 107, 99, 89, 67, 44, 22
109, 87, 79, 73, 55, 36, 22
Main digital ground
VDDIO_GPIO
132
108
Supply for GPIO_STD (2.7 - 5.5 V)
VDDIO_HSIO
176, 18, 13, 7
144, 18, 13, 7
Supply for HSIO_STDLN (3.0 - 3.6 V)
VSSIO_HSIO
19, 12, 6, 1
19, 12, 6, 1
HSIO_STDLN ground
VDDIO_SMC
174, 164, 155, 145
142, 132, 123, 113
Supply for GPIO_SMC (2.7 - 5.5 V)
VSSIO_SMC
175, 165, 154, 144
143, 133, 122, 112
GPIO_SMC ground
VCCD[24]
106, 21
86, 21
Main regulated supply. Driven by LDO regulator
VREFH
129
105
High reference voltage for SAR
VDDA_ADC
130
106
Main analog supply (for PASS/SAR)
VSSA_ADC
131
107
Main analog ground (VREFL is shared with VSSA_ADC)
XRES_L
108
88
Active low external reset input
Note
24.The VCCD pins must be connected together to ensure a low-impedance connection. (see the requirement in Figure 27-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com