Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT2CL Datasheet(PDF) 87 Page - Infineon Technologies AG

Part # CYT2CL
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT2CL Datasheet(HTML) 87 Page - Infineon Technologies AG

Back Button CYT2CL Datasheet HTML 83Page - Infineon Technologies AG CYT2CL Datasheet HTML 84Page - Infineon Technologies AG CYT2CL Datasheet HTML 85Page - Infineon Technologies AG CYT2CL Datasheet HTML 86Page - Infineon Technologies AG CYT2CL Datasheet HTML 87Page - Infineon Technologies AG CYT2CL Datasheet HTML 88Page - Infineon Technologies AG CYT2CL Datasheet HTML 89Page - Infineon Technologies AG CYT2CL Datasheet HTML 90Page - Infineon Technologies AG CYT2CL Datasheet HTML 91Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 174 page
background image
Datasheet
87
002-32508 Rev. *F
2022-10-20
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M4F single
Electrical specifications
27
Electrical specifications
27.1
Absolute maximum ratings
Use of this device under conditions outside the Min and Max limits listed in Table 27-1 may cause permanent
damage to the device. Exposure to conditions within the limits of Table 27-1 but beyond those of normal
operation for extended periods of time may affect device reliability. The maximum storage temperature is 150°C
in compliance with JEDEC Standard JESD22-A103, High Temperature Storage Life. When operated under condi-
tions within the limits of Table 27-1 but beyond those of normal operation, the device may not operate to speci-
fication.
Power considerations
The average chip-junction temperature, TJ, in °C, may be calculated using Equation 1:
Equation. 1
Where:
TA is the ambient temperature in °C.
θJA is the package junction-to-ambient thermal resistance, in °C/W.
PD is the sum of PINT and PIO (PD = PINT + PIO).
PINT is the chip internal power. (PINT = VDDD × IDD + VDDA_ADC × IVDDA)
PIO represents the power dissipation on input and output pins; user determined.
For most applications, PIO < PINT and may be neglected.
On the other hand, PIO may be significant if the device is configured to continuously drive external modules
and/or memories.
T
J
T
A
P
D
JA

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com