Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R256 Datasheet(PDF) 4 Page - Lin Eng. Inc.

Part # R256
Description  STEPPER DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R256 Datasheet(HTML) 4 Page - Lin Eng. Inc.

  R256 Datasheet HTML 1Page - Lin Eng. Inc. R256 Datasheet HTML 2Page - Lin Eng. Inc. R256 Datasheet HTML 3Page - Lin Eng. Inc. R256 Datasheet HTML 4Page - Lin Eng. Inc. R256 Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PIN NUWBER
FUNCTION
1
O12 to 40VDC
2
+S G
3
RI485B
4
RI485A
5
Iwitch Closure to N%D (+n)
6
Power Nround
7
Gpto Iensor Phototransistor (+n)
8
+S G
9
Gpto Iensor LED(Power Gut)
A DB-9 male connector provides power and control connections. Mating connector provided.
EQECTRICAQ SPECIFICATIONS
• OPERATES FROW +12 to 40 VDC
• SEQECTABQE PGASE CURRENTS FROW 0.2 TO 2.0 Amps Peak
• ISOQATED INPUTSH I/O, Switch Closure to yround, Opto Phototransistor
• STEP FREYUENC( XWA)7H 16.zz WG°
• STEPS PER REVOQUTION X1.8 WOTOR7H 200, 400, 800, 1600, 2000, 3200, 5000, 6400, 10000, 12800, 25000, 25600,
50000, 51200
• WICROSTEP RESOQUTIONS X1.8 WOTOR7H Full step, 2), 4), 5), 8), 10), 16), 25), 32), 50), 64),125, 128), 250), 256)
FUNCTION XCommand7
DESCRIPTION
Running Current (m)
30j of 2.0 Amps
Holding Current (h)
10j of max current of 2 Amps
Itep Resolution (=)
256x
Top Velocity (V)
305175 pps (microstepsS sec)
Acceleration (L)
L^1000, 6103500 ustepsS secJ2
Microstep smoothness (o)
1500
Gutputs ()
both are turned off, 0
Baud Rate
9600 bps



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com