Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R256 Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # R256
Description  STEPPER DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R256 Datasheet(HTML) 1 Page - Lin Eng. Inc.

  R256 Datasheet HTML 1Page - Lin Eng. Inc. R256 Datasheet HTML 2Page - Lin Eng. Inc. R256 Datasheet HTML 3Page - Lin Eng. Inc. R256 Datasheet HTML 4Page - Lin Eng. Inc. R256 Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
R256
R256
STEPPER DRIVER + CONTROLLER
FEATURES AND BENEFITS
• Input Voltage of +12 to 40 VDC
• Phase Current Ranges from 0.2 to 2.0 Amps
Peak
• Full step, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64,
1/128, 1/256
• RS485 Communication with Optional Con-
verter Cards Available
• 2 User Conâgurable Digital I/O€™:s
• 2 Dedicated InputsH 1 Optical Sensor for
Goming, 1 Switch Closure to yround
• FullM Programmable Ramps and Speeds
• Software Selectable Gold and Wove Currents
• Stand Alone Operation with No Connection to
PC
• Stores up to 16 Different Programs at Once
with 4 kBMtes of Wem
OPTIONS
Each R256 comes with the following cables (Lin part number 090-00044 and 090-00018):
DB-9 cable with white 3-pin connector | 4-pin cable
 


Similar Part No. - R256

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
R2560 MICROSEMI-R2560 Datasheet
120Kb / 2P
Silicon Power Rectifier
logo
Agere Systems
R2560A AGERE-R2560A Datasheet
43Kb / 4P
R2560A High-Power 12 GHz Photodiode
June 2001
R2560A023 AGERE-R2560A023 Datasheet
43Kb / 4P
R2560A High-Power 12 GHz Photodiode
June 2001
logo
GIACOMINI WATER E-MOTIO...
R256KX000 GIACOMINI-R256KX000 Datasheet
333Kb / 3P
Kit valvole a sfera per impiego sotto caldaia Ball valves kit for under boiler use
More results

Similar Description - R256

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3517 NJRC-NJM3517 Datasheet
187Kb / 12P
STEPPER MOTOR CONTROLLER / DRIVER
logo
Texas Instruments
DRV8821 TI-DRV8821 Datasheet
401Kb / 17P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_10 Datasheet
337Kb / 16P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1001 TI-DRV8821_1001 Datasheet
830Kb / 22P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1007 TI-DRV8821_1007 Datasheet
664Kb / 20P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_15 Datasheet
877Kb / 23P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
Dual Stepper Motor Controller and Driver
logo
Lin Eng. Inc.
R1025 LINENGINEERING-R1025 Datasheet
910Kb / 5P
STEPPER DRIVER
R356 LINENGINEERING-R356 Datasheet
1Mb / 5P
STEPPER DRIVER CONTROLLER
R525P LINENGINEERING-R525P Datasheet
618Kb / 5P
STEPPER DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com