Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R356 Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # R356
Description  STEPPER DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R356 Datasheet(HTML) 1 Page - Lin Eng. Inc.

  R356 Datasheet HTML 1Page - Lin Eng. Inc. R356 Datasheet HTML 2Page - Lin Eng. Inc. R356 Datasheet HTML 3Page - Lin Eng. Inc. R356 Datasheet HTML 4Page - Lin Eng. Inc. R356 Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
R356
R356
STEPPER DRIVER + CONTROLLER
FEATURES AND BENEFITS
• Input Voltage of +12 to 40 VDC
• Phase Current Ranges from 0.2 to 3.0 Amps
Peak
• Full step, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64,
1/128, 1/256
• RS485 Communication with Optional Con-
verter Cards Available
• 2 User Conâgurable Digital I/O€™:s
• 2 Dedicated InputsH 1 Optical Sensor for
Goming, 1 Switch Closure to yround
• FullM Programmable Ramps and Speeds
• Software Selectable Gold and Love Currents
• Stand Alone Operation with No Connection to
PC
• Stores up to 16 Different Programs at Once
with 4 kBMtes of Lem
OPTIONS
Each R356 comes with the following cables (Lin part number 090-00018, 090-00096, and 090-00153):
4-pin cable | DB-15 cable with white 3-pin connector | 6-pin cable
• The R356 is a fully intelligent controller and driver in one. Commands can be issued from any serial terminal program, such as
HyperTerminal, or from Lin Engineering’s Graphical User Interface, LinControl.  (have LinControl link to the download section)•
Commands are simple and intuitive. This communication is compatible with devices that use the Cavro DT or OEM protocol.•
The R356 controller is also capable of stand alone operating with no PC. It can execute a pre-programmed string of commands
upon Power up. Commands include nested loops, wait statements, halt commands, software selectable currents, speeds,
acceleration, microstepping, and more.
The Designer’s Kit (sold separately) enables qrst time users to become well ac/uainted with the options of R356 ControllerS
Driver.
RN485 Designer’s Kit (Lin part number: RN232KIT) Includes:
• RN485 to RN232 Converter Card• An Optical Nensor• Red Nwitch Push Button• 3-Pin Cable


Similar Part No. - R356

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
R3560 MICROSEMI-R3560 Datasheet
119Kb / 3P
Silicon Power Rectifier
logo
Inchange Semiconductor ...
R3560 ISC-R3560 Datasheet
242Kb / 2P
Standard Recovery Diodes
logo
Microsemi Corporation
R3560PF MICROSEMI-R3560PF Datasheet
172Kb / 3P
Silicon Power Rectifier
More results

Similar Description - R356

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3517 NJRC-NJM3517 Datasheet
187Kb / 12P
STEPPER MOTOR CONTROLLER / DRIVER
logo
Texas Instruments
DRV8821 TI-DRV8821 Datasheet
401Kb / 17P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_10 Datasheet
337Kb / 16P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1001 TI-DRV8821_1001 Datasheet
830Kb / 22P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1007 TI-DRV8821_1007 Datasheet
664Kb / 20P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_15 Datasheet
877Kb / 23P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
Dual Stepper Motor Controller and Driver
logo
Lin Eng. Inc.
R1025 LINENGINEERING-R1025 Datasheet
910Kb / 5P
STEPPER DRIVER
R256 LINENGINEERING-R256 Datasheet
688Kb / 5P
STEPPER DRIVER CONTROLLER
R525P LINENGINEERING-R525P Datasheet
618Kb / 5P
STEPPER DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com