Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R356 Datasheet(PDF) 3 Page - Lin Eng. Inc.

Part # R356
Description  STEPPER DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R356 Datasheet(HTML) 3 Page - Lin Eng. Inc.

  R356 Datasheet HTML 1Page - Lin Eng. Inc. R356 Datasheet HTML 2Page - Lin Eng. Inc. R356 Datasheet HTML 3Page - Lin Eng. Inc. R356 Datasheet HTML 4Page - Lin Eng. Inc. R356 Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PIN OUTS
PI* ANNIG*ME*TN
‘ Inputs are labeled 1, 2, 3 and 4 for programming the YHalt’, YNkip’, andspecial mode Yn’ commands.
PIN NULBER
CO OR
FUNCTION
I/ O A TERNATIVE FUNC-
TION
1
Green
Power Ground
 
2
Black
1A OnS Off Output
 
3
+ellow Green
Direction Input
 
4
+ellow
J5 VCD Input for Opto Isolat-
ed NTEP and DIR
 
5
Orange
Input
2S Wog Input
6
+ellowS
hite
Internal Power for Opto Nen-
sor
 
7
OrangeS
hite
 
Input (Opto Input)
3S Opto Input
8
BlackS
hite
 
RN485 A
 
9
Red
 
J12V TO 40V POER
                             
10
Blue
 
1A O*S OFF Output
                                            
11
BlueS
hite
 
Ntep Input
                                                     
                                              
12
GreenS
hite
 
Nignal Ground
 
13
hite
 
Input
1S Wog Input



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com