Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R525P Datasheet(PDF) 3 Page - Lin Eng. Inc.

Part # R525P
Description  STEPPER DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R525P Datasheet(HTML) 3 Page - Lin Eng. Inc.

  R525P Datasheet HTML 1Page - Lin Eng. Inc. R525P Datasheet HTML 2Page - Lin Eng. Inc. R525P Datasheet HTML 3Page - Lin Eng. Inc. R525P Datasheet HTML 4Page - Lin Eng. Inc. R525P Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P1 MOTOR CONNECTOR PIN-OUTS
PIN
FUNCTION
COLOR
1
Motor Phase A
RED
2
Motor Phase A-
BLUE
3
Motor Phase B
GREEN
4
Motor Phase B-
BLACK
P2 ENCODER CONNECTOR PIN-OUTS
PIN
FUNCTION
1
Channel B
2
5V Input
3
Channel A
4
Index
5
Ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com