Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R525P Datasheet(PDF) 5 Page - Lin Eng. Inc.

Part # R525P
Description  STEPPER DRIVER CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R525P Datasheet(HTML) 5 Page - Lin Eng. Inc.

  R525P Datasheet HTML 1Page - Lin Eng. Inc. R525P Datasheet HTML 2Page - Lin Eng. Inc. R525P Datasheet HTML 3Page - Lin Eng. Inc. R525P Datasheet HTML 4Page - Lin Eng. Inc. R525P Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
 
 
ELECTRICAL SPECIFICATIONS
• OPERATES FROM +12 to 48 VDC
• DRIVE CURRENTS (per phase): 0.1 to 5.0 Amps Peak
• ISOLATED INPUTS:Step,Clock, Direction, and disable
• STEP FREQUENCY (Max): 1 MHz
• STEPS PER REVOLUTION (1.8° MOTOR): 200, 400, 800, 1600, 2000, 3200, 5000, 6400, 10000, 12800, 25000, 25600,
50000, 51200
• MICROSTEP RESOLUTIONS (1.8° MOTOR): Full step, 2X, 4X, 5X, 8X, 10X, 16X, 25X, 32X, 50X, 64X,125, 128X, 250X, 256X
• OPERATING TEMPERATURE: Heatsink maximum temp 85°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com