Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R701P Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # R701P
Description  STEPPER DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R701P Datasheet(HTML) 1 Page - Lin Eng. Inc.

  R701P Datasheet HTML 1Page - Lin Eng. Inc. R701P Datasheet HTML 2Page - Lin Eng. Inc. R701P Datasheet HTML 3Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
R701P
R701P
STEPPER DRIVER
FEATURES AND BENEFITS
• 10 microstepping driver
• Operates from 18 to 80 VDC
• Up to 7AMP Current
FEATURES AND BENEFITS
• 10 microstepping driver
• Optically isolated Step, Direction, and Disable/Enable inputs
• Automatic Current Reduction
• Adjustable trimpot for noise and vibration reduction
• Operates from 18 to 80 VDC
• Low Power Dissipation from 1 to 12 Watts (1 to 7 Amps)
• Excellent sinusoidal current waveform for smooth operation
• Low current ripple for low noise
• Low Cost
• High Ef+ciency
• Now uses dip switches instead of resistor to set current
• Removal of internal jumpers for R701P
• Step Multiplier jumper con+guration changed for R710P
• Opto supply now compatible with 3G.GV and 4ND
• No external J70 uF capacitor needed
AD:USTABLE TRIMPOT


Similar Part No. - R701P

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
R701 LINENGINEERING-R701 Datasheet
932Kb / 3P
STEPPER DRIVER
logo
Powerex Power Semicondu...
R7010103 POWEREX-R7010103 Datasheet
646Kb / 6P
General Purpose Rectifier (300-550 Amperes Average 4400 Volts)
R7010104 POWEREX-R7010104 Datasheet
646Kb / 6P
General Purpose Rectifier (300-550 Amperes Average 4400 Volts)
R7010105 POWEREX-R7010105 Datasheet
646Kb / 6P
General Purpose Rectifier (300-550 Amperes Average 4400 Volts)
R7010203 POWEREX-R7010203 Datasheet
646Kb / 6P
General Purpose Rectifier (300-550 Amperes Average 4400 Volts)
More results

Similar Description - R701P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
Lin Eng. Inc.
R1025 LINENGINEERING-R1025 Datasheet
910Kb / 5P
STEPPER DRIVER
R208 LINENGINEERING-R208 Datasheet
1Mb / 3P
STEPPER DRIVER
R325P LINENGINEERING-R325P Datasheet
699Kb / 3P
STEPPER DRIVER
R325PE LINENGINEERING-R325PE Datasheet
778Kb / 3P
STEPPER DRIVER
R701 LINENGINEERING-R701 Datasheet
932Kb / 3P
STEPPER DRIVER
R710 LINENGINEERING-R710 Datasheet
1Mb / 4P
STEPPER DRIVER
R725 LINENGINEERING-R725 Datasheet
228Kb / 4P
STEPPER DRIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com