Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R701P Datasheet(PDF) 2 Page - Lin Eng. Inc.

Part # R701P
Description  STEPPER DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R701P Datasheet(HTML) 2 Page - Lin Eng. Inc.

  R701P Datasheet HTML 1Page - Lin Eng. Inc. R701P Datasheet HTML 2Page - Lin Eng. Inc. R701P Datasheet HTML 3Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The potentiometer shown on the board can be rotated using a screwdriver. It’s recommended to rotate the motor at 0.25 RPS.
Then to adjust the potentiometer until there is the least amount of vibration and noise coming out of the motor. This will be
the position that the driver will perform smoothly with a given motor and power supply voltage.
The adjustment will alter the current waveform coming out of the driver and into the motor coils.
DIMENSION
Weight without cables: 3.8 oz
PIN OUT
PIN NUMBER
FUNCTION
1
Power Ground
2
+18 to 80 VDC
3
A Phase
4
A Bar Phase
5
B Phase
6
B Bar Phase
7
Disable
8
Direction
9
Step
10
+5 VDC
11
Current Set
12
Current Set



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com