Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7282T2 Datasheet(PDF) 52 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 52 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
ST7282T2
Version 1.2
Page 52 of 77
2016/03
Note: d=16mV
8.3.8 R4A: OTP FUNCTION CONTROL
Register
TYPE
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
Default
R4A
W
0
0
0
0
0
0
OTP_EN
0
00h
Designation
Address
Description
CMD2_EN
R4A[1]
OTP Function switch
OTP_EN = 0:Disable OTP Function (default)
OTP_EN = 1: Enable OTP Function
8.3.9 R4B: OTP ADDRESS SETTING
Register TYPE
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
Default
R4B
W
0
OTP_ADDR[6:0]
00h
Designation
Address
Description
OTP_ADDR[6:0]
R4B[6:0]
OTP_ADDR[6:0]=0x01: VCOM Offset (VMF) register OTP address.
8.3.10 R4C: OTP DATA SETTING
Register
TYPE
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
default
R4C
W/R
OTP_DATA[7:0]
00h
Designation
Address
Description
OTP_DATA[7:0]
R4C[7:0]
OTP DATA
8.3.11 R4D: OTP CONTROL
Register
TYPE
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
default
R4D
W
OTP_CONTROL[7:0]
00h
Designation
Address
Description
OTP_CONTROL[7:0]
R4D[7:0]
OTP_CONTROL[7:0]=0xCA: Write OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com