Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7282T2 Datasheet(PDF) 60 Page - Sitronix Technology Co., Ltd.

Part # ST7282T2
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet(HTML) 60 Page - Sitronix Technology Co., Ltd.

Back Button ST7282T2 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7282T2 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
ST7282T2
Version 1.2
Page 60 of 77
2016/03
11. POWER APPLICATION CIRCUIT
Pump4
Pump2
VCOM
Cvgh
VCOM
PVDD
Pump3
Pump1
AVDD
Cavdd
Pump6
VGH
Cvgl
VGL
Cavcl
AVCL
Cavcl1
AVCL1
Suggestion of external component
Component
Recommended Value
Rated Voltage
Cvdd=Cvddi=Cpvdd
1uF
> 6.3V
Cavdd
1uF
> 10V
Cavcl
1uF
> 10V
Cavcl1
1uF
> 10V
Cvgh
1uF
> 25V
Cvgl
1uF
> 16V
Note: Depend on display quality and system application, stabilize capacitor could be dummy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com