Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV716MM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV716MM
Description  5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV716MM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV716MM Datasheet HTML 1Page - National Semiconductor (TI) LMV716MM Datasheet HTML 2Page - National Semiconductor (TI) LMV716MM Datasheet HTML 3Page - National Semiconductor (TI) LMV716MM Datasheet HTML 4Page - National Semiconductor (TI) LMV716MM Datasheet HTML 5Page - National Semiconductor (TI) LMV716MM Datasheet HTML 6Page - National Semiconductor (TI) LMV716MM Datasheet HTML 7Page - National Semiconductor (TI) LMV716MM Datasheet HTML 8Page - National Semiconductor (TI) LMV716MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3.3V Electrical Characteristics (Note 4) Unless otherwise specified, all limits are guaranteed for
TJ = 25˚C, V+ = 3.3V, V
− = 0V. V
CM =V
+/2. Boldface limits apply at the temperature extremes (Note 5). (Continued)
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 7)
Max
(Note 6)
Units
e
n
Input-Referred Voltage Noise
f = 1 kHz
12.8
nV/
i
n
Input-Referred Current Noise
f = 1 kHz
0.01
pA/
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 100 pF.
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX)-TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 4: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factor testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Absolute Maximum Ratings indicate junction temperature limits beyond which the device maybe permanently degraded, either mechanically or electrically.
Note 5: Boldface limits apply to temperature range of −40˚C to 85˚C.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Typical values represent the most likely parametric norm.
Note 8: Input bias current is guaranteed by design.
Note 9: Number specified is the lower of the positive and negative slew rates.
Connection Diagram
8-Pin MSOP
20179540
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-Pin MSOP
LMV716MM
AR3A
1k Units Tape and Reel
MUA08A
LMV716MMX
3.5k Units Tape and Reel
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com