Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV716MM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV716MM
Description  5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV716MM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV716MM Datasheet HTML 5Page - National Semiconductor (TI) LMV716MM Datasheet HTML 6Page - National Semiconductor (TI) LMV716MM Datasheet HTML 7Page - National Semiconductor (TI) LMV716MM Datasheet HTML 8Page - National Semiconductor (TI) LMV716MM Datasheet HTML 9Page - National Semiconductor (TI) LMV716MM Datasheet HTML 10Page - National Semiconductor (TI) LMV716MM Datasheet HTML 11Page - National Semiconductor (TI) LMV716MM Datasheet HTML 12Page - National Semiconductor (TI) LMV716MM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Application Information
With the low supply current of only 1.6 mA, the LMV716
offers users the ability to maximize battery life. This makes
the LMV716 ideal for battery powered systems. The
LMV716’s rail-to-rail output swing provides the maximum
possible dynamic range at the output. This is particularly
important when operating on low supply voltages.
CAPACITIVE LOAD TOLERANCE
The LMV716, when in a unity-gain configuration, can directly
drive large capacitive loads in unity-gain without oscillation.
The unity-gain follower is the most sensitive configuration to
capacitive loading; direct capacitive loading reduces the
phase margin of amplifiers. The combination of the amplifi-
er’s output impedance and the capacitive load induces
phase lag. This results in either an underdamped pulse
response or oscillation. To drive a heavier capacitive load,
the circuit in Figure 1 can be used.
In Figure 1, the isolation resistor R
ISO and the load capacitor
C
L form a pole to increase stability by adding more phase
margin to the overall system. The desired performance de-
pends on the value of R
ISO. The bigger the RISO resistor
value, the more stable V
OUT will be.
The circuit in Figure 2 is an improvement to the one in Figure
1 because it provides DC accuracy as well as AC stability. If
there were a load resistor in Figure 1, the output would be
voltage divided by R
ISO and the load resistor. Instead, in
Figure 2,R
F
provides the DC accuracy by using feed-
forward techniques to connect V
IN to RL. Due to the input
bias current of the LMV716, the designer must be cautious
when choosing the value of R
F.CF and RISO serve to coun-
teract the loss of phase margin by feeding the high fre-
quency component of the output signal back to the amplifi-
er’s inverting input, thereby preserving phase margin in the
overall feedback loop. Increased capacitive drive is possible
by increasing the value of C
F. This in turn will slow down the
pulse response.
DIFFERENCE AMPLIFIER
The difference amplifier allows the subtraction of two volt-
ages or, as a special case, the cancellation of a signal
common to two inputs. It is useful as a computational ampli-
fier in making a differential to single-ended conversion or in
rejecting a common mode signal.
20179507
FIGURE 1. Indirectly Driving a Capacitive Load using
Resistive Isolation
20179509
FIGURE 2. Indirectly Driving a Capacitive Load with DC
Accuracy
20179510
FIGURE 3. Difference Amplifier
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com