Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5370BSTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD5370BSTZ
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370BSTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5370BSTZ Datasheet HTML 16Page - Analog Devices AD5370BSTZ Datasheet HTML 17Page - Analog Devices AD5370BSTZ Datasheet HTML 18Page - Analog Devices AD5370BSTZ Datasheet HTML 19Page - Analog Devices AD5370BSTZ Datasheet HTML 20Page - Analog Devices AD5370BSTZ Datasheet HTML 21Page - Analog Devices AD5370BSTZ Datasheet HTML 22Page - Analog Devices AD5370BSTZ Datasheet HTML 23Page - Analog Devices AD5370BSTZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Preliminary Technical Data
AD5370
Rev. P
rF | Page 22 of 24
POWER SUPPLY SEQUENCING
When the supplies are connected to the AD5370 it is important
that the AGND and DGND pins are connected to the relevant
ground plane before the positive or negative supplies are
applied. In most applications this is not an issue as the ground
pins for the power supplies will be connected to the ground pins
of the AD5370 via ground planes. Where the AD5370 is to be
used in a hot-swap card care should be taken to ensure that the
ground pins are connected to the supply grounds before the
positive or negative supplies are connected. This is required to
prevent currents flowing in directions other than towards an
analog or digital ground.
INTERFACING EXAMPLES
The SPI interface of the AD5370 is designed to allow the parts
to be easily connected to industry standard DSPs and micro-
controllers. Figure 11 shows how the AD5370 could be
connected to the Analog Devices Blackfin
®
DSP. The Blackfin
has an integrated SPI port which can be connected directly to
the SPI pins of the AD5370 and programmable I/O pins which
can be used to set or read the state of the digital input or output
pins associated with the interface.
SYNC
SCLK
SDI
SDO
CLR
LDAC
RESET
BUSY
SPISELx
SCK
MOSI
MISO
PF8
PF9
PF10
PF7
AD537x
ADSP-BF531
537x-0101
Figure 11. Interfacing to a Blackfin DSP
The Analog Devices ADSP-21065L is a floating point DSP with
two serial ports (SPORTS). Figure 12 shows how one SPORT
can be used to control the AD5370. In this example the
Transmit Frame Synchronization (TFS) pin is connected to the
Receive Frame Synchronization (RFS) pin. Similarly the
transmit and receive clocks (TCLK and RCLK) are also
connected together. The user can write to the AD5370 by
writing to the transmit register. A read operation can be
accomplished by first writing to the AD5370 to tell the part that
a read operation is required. A second write operation with a
NOP instruction will cause the data to be read from the
AD5370. The DSPs receive interrupt can be used to indicate
when the read operation is complete.
SYNC
SCLK
SDI
SDO
CLR
LDAC
RESET
BUSY
TFSx
RFSx
TCLKx
RCLKx
DTxA
DRxA
FLAG2
FLAG1
FLAG0
FLAG3
AD537x
537x-0101
ADSP-21065L
Figure 12. Interfacing to an ADSP-21065L DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com