Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5665-RBRUZ-2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5665-RBRUZ-2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665-RBRUZ-2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5665-RBRUZ-2 Datasheet HTML 20Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 21Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 22Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 23Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 24Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 25Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 26Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 27Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Preliminary Technical Data
Rev. PrA. | Page 24 of 32
MULTIPLE BYTE WRITE
Once an AD56x5 has been addressed, one or more three-byte
blocks of command and data can be sent to the device, until a
stop condition is received. The device must then be re-
addressed. For this type of operation, the “S” bit in the
command byte is set to zero.
For some types of application such as waveform generation, it
may be required to update a DAC or DACs as fast as possible
without changing the command byte. In this case the “S” bit in
the initial command byte is set to 1. This sets the command
parameters for all subsequent data. Thereafter, multiple two-
byte blocks of data high byte and data low byte can be sent,
without sending a further command byte, until a stop condition
is received.
The “S” bit is only active in the first command byte following
the device slave address. Therefore, even if the “S” bit is 0 and
three-byte blocks of command and data are being sent, it is not
possible to alter the multi-byte mode by changing the “S” bit to
1 “on-the-fly” during any subsequent command byte.
STOP
LEAST SIGNIFICANT
DATA BYTE
MOST SIGNIFICANT
DATA BYTE
COMMAND
BYTE
BLOCK 1
S=0
SLAVE
ADDRESS
LEAST SIGNIFICANT
DATA BYTE
MOST SIGNIFICANT
DATA BYTE
COMMAND
BYTE
BLOCK 2
S=0
LEAST SIGNIFICANT
DATA BYTE
MOST SIGNIFICANT
DATA BYTE
COMMAND
BYTE
BLOCK n
S=0
Figure 57. Multiple Block Write With Command Byte in Each Block (S=0)
STOP
LEAST SIGNIFICANT
DATA BYTE
MOST SIGNIFICANT
DATA BYTE
COMMAND
BYTE
BLOCK 1
S=1
SLAVE
ADDRESS
LEAST SIGNIFICANT
DATA BYTE
MOST SIGNIFICANT
DATA BYTE
BLOCK 2
S=1
LEAST SIGNIFICANT
DATA BYTE
MOST SIGNIFICANT
DATA BYTE
BLOCK n
S=1
Figure 58. Multiple Block Write With Initial Command Byte Only (S=1)
BROADCAST MODE
In addition to the unique slave address for each device, which is
set by the address pin(s), The AD56x5 has a broadcast address
to which any AD56x5 will respond, irrespective of the state of
the address pin(s). This address is 0001000(Write). Where
several AD56x5 devices are connected to a bus, they can all be
sent the same data using the broadcast address. The broadcast
address only works for write operations. It is not possible to
read back data from several devices at the same time, due to bus
contention.
INPUT SHIFT REGISTER
The input shift register is 24 bits wide to store the 3 data bytes
written to the device of the serial interface. Data written to the
device is split into four sections:
- One bit to select multiple byte operation.
- a three bit command that tells the device what operation to
perform.
- a three-bit address that tells the device to which DAC or
DACs the command applies.
- 16 bits of data, which, depending on the command may be
written to a DAC or used to define the parameters of a
command operation.
Bit 23 of the input shift register is reserved, and should always
be set to 0 when writing to the device.
The command and address are contained in the command byte,
the 8 MSBs of the input register. The middle 8 bits are the high
byte of the DAC data, while the 8 least significant bits are the
low byte of the DAC data or command data. DAC data is left
justified, so the two LSBs are unused for the 14 bit AD5645R,
and the four LSBs are unused for the 12-bit AD5625R (but they
are still used for command data in these devices.
The AD56x5 has seven different commands that can be written
to it.
C2
C1
C0
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D2
D3
D1
D0
S
R
COMMAND
DAC ADDRESS
DAC DATA
DAC OR COMMAND DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Figure 59. AD5665R/AD5665 Input Shift Register (16-Bit DAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com