Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5665-RBRUZ-2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5665-RBRUZ-2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665-RBRUZ-2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5665-RBRUZ-2 Datasheet HTML 22Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 23Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 24Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 25Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 26Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 27Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 28Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 29Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Preliminary Technical Data
Rev. PrA. | Page 26 of 32
LDAC pin on the 14-pin device (see below). When this
command is sent to the device, data bits DB3 to DB0 determine
which of DAC registers D through A are updated at the end of
write. If a bit is set to 1, the corresponding DAC is updated.
Note that, during the LDAC setup command, the DAC address
bits A2 – A0 are ignored. It is only DB3 to DB0 that determine
which DAC will be updated.
As far as DAC updating is concerned, the write command and
the LDAC setup command are combined (OR’d together).
For example, if the LDAC setup command is set to update
DACs B and D, and command 011 is sent to write to and
update DAC A, then DAC A will be written to, but DACs A, B
and D will be updated.
1
1
0
A2
A1
A0
X
XX
XX
XX
XXX
COMMAND
DAC ADDRESS
(DON’T CARE)
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB2
DB3
DB1
DB0
DON’T CARE
R
S
X
0
DON’T
CARE
DACA
DACD DACC DACB
DON’T CARE
DAC SELECT
(0 = LDAC PIN ENABLED)
X
X
RES
Figure 62. LDAC Setup Command
LDAC PIN
In the case of the 14-pin device, updating of the DAC registers
may also be controlled by the LDAC pin. This can operate
either synchronously or asynchronously. Whenever LDAC is
brought low, the DAC registers are updated with the contents
of the input registers. If LDAC is held low, update takes place
synchronously at the end of every write operation.
Which DAC registers are updated when LDAC is brought low
is determined by the LDAC setup command. It is the inverse of
those registers that are set to update at the end of write. If one
of bits DB3 to DB0 is a 0, then the corresponding DAC is
updated when LDAC is taken low. If it is a 1, the DAC is
updated at the end of a write operation. This allows some DACs
to be updated automatically at the end of write, and some to be
updated asynchronously using the LDAC pin.
If LDAC is permanently held low for synchronous update, then
all DACs will be updated irrespective of the DAC address in the
write command or the bit settings in the LDAC setup
command.
This is because those DACs whose bits are 0 in
LDAC setup will be updated due to the LDAC pin being low,
and those DACs whose bits are 1 will be updated due to the
LDAC setup command.
If DAC update is to be controlled solely by the write and LDAC
setup commands, the LDAC pin must be tied high (or use the
10-pin device which does not have this pin). If DAC update is
to be controlled solely by the LDAC pin, then use only
command 000 and set DB3 to DB0 to 0 in the LDAC setup
command.
These parts each contain an extra feature whereby a DAC
register is not updated unless its input register has been
updated since the last time LDAC was brought low. Normally,
when LDAC is brought low, the DAC registers are filled with
the contents of the input registers. In the case of the AD56X5,
the DAC register updates only if the input register has changed
since the last time the DAC register was updated, thereby
removing unnecessary digital crosstalk.
POWER-DOWN MODES
1
0
0
A2
A1
A0
X
X
X
XX
XX
XXX
COMMAND
DAC ADDRESS
(DON’T CARE)
C2
C1
C0
A2
A1
A0
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB2
DB3
DB1
DB0
DON’T CARE
R
S
X
0
DON’T
CARE
DACA
PD1
PD0
DACD DACC DACB
DON’T CARE
POWER
DOWN MODE
DAC SELECT
(1 = DAC SELECTED)
RES
Figure 63. Power Up/down Command
Command 100 is the power up/down function. The parameters
of the power up/down function are programmed by bits DB5
and DB4. This defines the output state of the DAC amplifier, as
shown in Table 12. Bits DB3 to DB0 determine to which DAC
or DACs the power up/down command is applied. Setting the
one of these bits to 1 applies the power up/down state defined
by DB5 and DB4 to the corresponding DAC. If a bit is 0, the
state of the DAC is unchanged.
In power-down mode, the amplifier is disconnected from the
output pin, and the output pin is either open-circuit or
connected ground via a 10kΩ or 100kΩ resistor, depending on
the setting of DB5 and DB4.
Table 12. Modes of Operation for the
AD5625R/AD5645R/AD5665R, AD5625/AD5665
DB5
DB4
Operating Mode
0
0
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com