Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

910-DS/02 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 910-DS/02
Description  PCB connector Screw connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

910-DS/02 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  910-DS/02 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
910(-DS)
PCB connector
Screw connection
11.17
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI 400
Insulating Group
II
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M3,5; zinc plated steel, blue passivated
Solder pin
ø 1 mm; tin plated brass
Wire protector
Tin plated tin bronze
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-10,00
• Solder pin ø 1.5 mm
• Version with two solder pins per pole, please see 910-Y(-DS)
[1] for 910-DS: 26 - 10 AWG
[2] Acc. to IEC 60947-7-4 und IEC 60947-1
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 910/02
10.876.002
910-DS/02
20.876.002
18,00 mm
Box
250
3 910/03
10.876.003
910-DS/03
20.876.003
28,00 mm
Box
250
4 910/04
10.876.004
910-DS/04
20.876.004
38,00 mm
Box
200
5 910/05
10.876.005
910-DS/05
20.876.005
48,00 mm
Box
100
6 910/06
10.876.006
910-DS/06
20.876.006
58,00 mm
Box
100
GENERAL INFORMATION
Pitch
10 mm
No. of poles
2 - 12
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
2,5 - 10 mm² / 2,5 - 6 mm² / 14 - 10 AWG
with wire protector
1,5 - 6 mm² / 1,5 - 4 mm² / 16 - 12 AWG
Rated Cross Section
4 mm²
Wire Stripping Length
6,5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
500 V
630 V
1000 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Current
25 A
Hole in PCB
ø 1,3 mm
Torque
0,8 Nm
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
25
300
B
18 - 10
0,79
25
10
300
300
B
D, E
22-10 [1]
22-10 [1]
0,79
0,79
Current [A]
Voltage [V]
mm²
32
750
4,0 [2]
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 910-DS/02

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
910-00003-TR KSS-910-00003-TR Datasheet
822Kb / 2P
LASERLIGHT SMD WHITE LIGHT EMITTER
1/21
910-00003-WF KSS-910-00003-WF Datasheet
822Kb / 2P
LASERLIGHT SMD WHITE LIGHT EMITTER
1/21
910-00004-IT KSS-910-00004-IT Datasheet
822Kb / 2P
LASERLIGHT SMD WHITE LIGHT EMITTER
1/21
910-00010-TR KSS-910-00010-TR Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
910-00010-WF KSS-910-00010-WF Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
More results

Similar Description - 910-DS/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
180-A-111 WECO-180-A-111 Datasheet
92Kb / 1P
PCB connector Screw connection
07.11
181-A-111 WECO-181-A-111 Datasheet
97Kb / 1P
PCB connector Screw connection
07.11
182-A-111 WECO-182-A-111 Datasheet
92Kb / 1P
PCB connector Screw connection
09.11
210-A-111 WECO-210-A-111 Datasheet
73Kb / 1P
PCB connector Screw connection
04.13
930 WECO-930 Datasheet
65Kb / 1P
PCB connector Screw connection
02.13
940 WECO-940 Datasheet
167Kb / 1P
PCB connector Screw connection
11.17
950 WECO-950 Datasheet
99Kb / 1P
PCB connector Screw connection
04.18
972 WECO-972 Datasheet
80Kb / 1P
PCB connector Screw connection
11.17
977-OP WECO-977-OP Datasheet
78Kb / 1P
PCB connector Screw connection
07.19
159-A-111 WECO-159-A-111 Datasheet
91Kb / 1P
PCB connector Screw connection
06.17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com