Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4959 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4959
Description  Silicon Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4959 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4959 Datasheet HTML 1Page - Renesas Technology Corp 2SC4959 Datasheet HTML 2Page - Renesas Technology Corp 2SC4959 Datasheet HTML 3Page - Renesas Technology Corp 2SC4959 Datasheet HTML 4Page - Renesas Technology Corp 2SC4959 Datasheet HTML 5Page - Renesas Technology Corp 2SC4959 Datasheet HTML 6Page - Renesas Technology Corp 2SC4959 Datasheet HTML 7Page - Renesas Technology Corp 2SC4959 Datasheet HTML 8Page - Renesas Technology Corp 2SC4959 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
3
µµµµPA832TF
(2) Q2
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Collector cutoff current
ICBO
VCB = 5 V, IE = 0
0.1
µA
Emitter cutoff current
IEBO
VEB = 1 V, IC = 0
0.1
µA
DC current gain
hFE
VCE = 3 V, IC = 10 mA
Note 1
75
150
Gain bandwidth product
fT
VCE = 3 V, IC = 10 mA, f = 2 GHz
12
GHz
Feedback capacitance
Cre
VCB = 3 V, IE = 0, f = 1 MHz
Note 2
0.4
0.7
pF
Insertion power gain
|S21e|2
VCE = 3 V, IC = 10 mA, f = 2 GHz
7
8.5
dB
Noise figure
NF
VCE = 3 V, IC = 3 mA, f = 2 GHz
1.5
2.5
dB
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty cycle ≤ 2%
2. Collector to base capacitance when measured with capacitance meter (automatic balanced bridge
method), with emitter connected to guard pin of capacitance meter.
hFE CLASSIFICATION
Rank
FB
Marking
V34
hFE value of Q1
100 to 145
hFE value of Q2
75 to 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com