Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4959 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC4959
Description  Silicon Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4959 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC4959 Datasheet HTML 3Page - Renesas Technology Corp 2SC4959 Datasheet HTML 4Page - Renesas Technology Corp 2SC4959 Datasheet HTML 5Page - Renesas Technology Corp 2SC4959 Datasheet HTML 6Page - Renesas Technology Corp 2SC4959 Datasheet HTML 7Page - Renesas Technology Corp 2SC4959 Datasheet HTML 8Page - Renesas Technology Corp 2SC4959 Datasheet HTML 9Page - Renesas Technology Corp 2SC4959 Datasheet HTML 10Page - Renesas Technology Corp 2SC4959 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
5
µµµµPA832TF
Collector current IC (mA)
DC Current Gain vs. Collector Current
Gain Bandwidth Product vs. Collector Current
Insertion Power Gain vs. Collector Current
200
100
50
20
10
0.5
1
5
10
50
VCE = 3 V
15
10
5
0
0.5
1
5
10
50
100
Collector current IC (mA)
VCE = 3 V
f = 1.0 GHZ
20
10
5
2
1
0.5
1
5
10
50
Collector current IC (mA)
f = 1.0 GHZ
VCE = 3 V
200
0.1
100
0
0.5
1
5
10
50 100
5 V
Collector current IC (mA)
DC Current Gain vs. Collector Current
Q1
Q2
0.2
2
20
VCE = 3 V
14
0.5
12
10
8
6
4
2
12
5
10
50
Collector current IC (mA)
Gain Bandwidth Product vs. Collector Current
Collector current IC (mA)
Insertion Power Gain vs. Collector Current
10
0.5
8
6
4
2
510
50
20
2
VCE = 1 V
f = 2 GHz
20
f = 2 GHz
VCE = 1 V
5 V
3 V
5 V
3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com